Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC2FA/01 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89C51RC2FA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC2FA/01 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89C51RC2FA/01 Datasheet HTML 49Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 50Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 51Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 52Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 53Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 54Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 55Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 56Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
53
IAP CALL
PARAMETER
READ DEVICE ID #1
Input Parameter:
R0 = osc freq (integer)
R1 = 00h or R1 = 80h (WDT feed)
DPH = 00h
DPL = 01h - read device ID #1
Return Parameter:
ACC = value of byte read
READ DEVICE ID #2
Input Parameter:
R0 = osc freq (integer)
R1 = 00h or R1 = 80h (WDT feed)
DPH = 00h
DPL = 02h - read device ID #2
Return Parameter:
ACC = value of byte read
READ SECURITY BITS
Input Parameter:
R0 = osc freq (integer)
R1 = 07h or R1 = 87h (WDT feed)
DPH = 00h
DPL = 00h - read lock byte
Return Parameter:
ACC = value of byte read
READ STATUS BYTE
Input Parameter:
R0 = osc freq (integer)
R1 = 07h or R1 = 87h (WDT feed)
DPH = 00h
DPL = 01h - read status byte
Return Parameter:
ACC = value of byte read
READ BOOT VECTOR
Input Parameter:
R0 = osc freq (integer)
R1 = 07h or R1 = 87h (WDT feed)
DPH = 00h
DPL = 02h - read boot vector
Return Parameter:
ACC = value of byte read
READ CONFIG
(New function)
Input Parameter:
R0 = osc freq (integer)
R1 = 00h or R1 = 80h (WDT feed)
DPH = 00h
DPL = 03h - read config byte
Return Parameter:
ACC = value of byte read
READ REVISION
(New function)
Input Parameter:
R0 = osc freq (integer)
R1 = 00h or R1 = 80h (WDT feed)
DPH = 00h
DPL = 80h - read revision of ROM Code
Return Parameter:
ACC = value of byte read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com