Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC2FA/01 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89C51RC2FA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC2FA/01 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89C51RC2FA/01 Datasheet HTML 7Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 8Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 9Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 10Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 11Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 12Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 13Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 14Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
11
CLOCK CONTROL REGISTER (CKCON)
This device provides control of the 6-clock/12-clock mode by means
of both an SFR bit (X2) and a Flash bit (FX2, located in the Security
Block). The Flash clock control bit, FX2, when programmed (6-clock
mode) supercedes the X2 bit (CKCON.0).
The CKCON register also provides individual control of the clock
rates for the peripherals devices. When running in 6-clock mode
each peripheral may be individually clocked from either fosc/6 or
fosc/12. When in 12-clock mode, all peripheral devices will use
fosc/12. The CKCON register is shown below.
X2
BIT
SYMBOL
FUNCTION
CKCON.7
–
Reserved.
CKCON.6
WDX2
Watchdog clock; 0 = 6 clocks for each WDT clock, 1 = 12 clocks for each WDT clock
CKCON.5
PCAX2
PCA clock; 0 = 6 clocks for each PCA clock, 1 = 12 clocks for each PCA clock
CKCON.4
SIX2
UART clock; 0 = 6 clocks for each UART clock, 1 = 12 clocks for each UART clock
CKCON.3
T2X2
Timer2 clock; 0 = 6 clocks for each Timer2 clock, 1 = 12 clocks for each Timer2 clock
CKCON.2
T1X2
Timer1 clock; 0 = 6 clocks for each Timer1 clock, 1 = 12 clocks for each Timer1 clock
CKCON.1
T0X2
Timer0 clock; 0 = 6 clocks for each Timer0 clock, 1 = 12 clocks for each Timer0 clock
CKCON.0
X2
CPU clock; 1 = 6 clocks for each machine cycle, 0 = 12 clocks for each machine cycle
SU01607
T0X2
T1X2
T2X2
SIX2
PCAX2
WDX2
–
Not Bit Addressable
CKCON
Address = 8Fh
Reset Value = x0000000B
76
54
321
0
Bits 1 through 6 only apply if 6 clocks per machine cycle is chosen
(i.e.– Bit 0 = 1). If Bit 0 = 0 (12 clocks per machine cycle) then all
peripherals will have 12 clocks per machine cycle as their clock
source.
Also please note that the clock divider applies to the serial port for
modes 0 & 2 (fixed baud rate modes). This is because modes 1 & 3
(variable baud rate modes) use either Timer 1 or Timer 2.
Below is the truth table for the peripheral input clock sources.
FX2 clock mode bit
X2
Peripheral clock
mode bit
(e.g., T0X2)
CPU MODE
Peripheral Clock Rate
erased
0
x
12-clock (default)
12-clock (default)
erased
1
0
6-clock
6-clock
erased
1
1
6-clock
12-clock
programmed
x
0
6-clock
6-clock
programmed
x
1
6-clock
12-clock
RESET
A reset is accomplished by holding the RST pin high for at least two
machine cycles (12 oscillator periods in 6-clock mode, or 24 oscillator
periods in 12-clock mode), while the oscillator is running. To ensure a
good power-on reset, the RST pin must be high long enough to allow
the oscillator time to start up (normally a few milliseconds) plus two
machine cycles. At power-on, the voltage on VCC and RST must
come up at the same time for a proper start-up. Ports 1, 2, and 3 will
asynchronously be driven to their reset condition when a voltage
above VIH1 (min.) is applied to RST.
The value on the EA pin is latched when RST is deasserted and has
no further effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com