Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A Datasheet(PDF) 4 Page - Comchip Technology

Part # MMBT2907A
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2907A Datasheet(HTML) 4 Page - Comchip Technology

  MMBT2907A Datasheet HTML 1Page - Comchip Technology MMBT2907A Datasheet HTML 2Page - Comchip Technology MMBT2907A Datasheet HTML 3Page - Comchip Technology MMBT2907A Datasheet HTML 4Page - Comchip Technology MMBT2907A Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.comchip
tech.com
COMCHIP
General Purpose Transistor (PNP)
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain
IC, Collector Current (mA)
0.3
0.5
0.7
1.0
3.0
0.2
–0.1
TJ = 125°C
25
°C
–55
°C
VCE = –1.0 V
VCE = –10 V
2.0
–0.2
–0.3
–0.5 –0.7
–1.0
–2.0
–3.0
–5.0 –7.0
–10
–20
–30
–50 –70
–100
–200
–300
–500
Figure 4. Collector Saturation Region
IB, Base Current (mA)
–0.4
–0.6
–0.8
–1.0
–0.2
0
IC = –1.0 mA
–0.005
–10 mA
–0.01
–100 mA
–500 mA
–0.02 –0.03 –0.05 –0.07 –0.1
–0.2
–0.3
–0.5 –0.7 –1.0
–2.0
–3.0
–5.0 –7.0 –10
–20
–30
–50
Figure 5. Turn–On Time
IC, Collector Current
300
–5.0
Figure 6. Turn–Off Time
IC, Collector Current (mA)
–5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
–7.0 –10
–20 –30
–50 –70 –100
–200 –300
–500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = –30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
–7.0 –10
–20 –30
–50 –70 –100
–200 –300 –500
200
tf
t
′s = ts – 1/8 tf
VCC = –30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
Page 4
MDS030300
MDS030300B1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com