Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A Datasheet(PDF) 1 Page - Comchip Technology

Part # MMBT2907A
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2907A Datasheet(HTML) 1 Page - Comchip Technology

  MMBT2907A Datasheet HTML 1Page - Comchip Technology MMBT2907A Datasheet HTML 2Page - Comchip Technology MMBT2907A Datasheet HTML 3Page - Comchip Technology MMBT2907A Datasheet HTML 4Page - Comchip Technology MMBT2907A Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
Features
Epitaxial Planar Die Construction
Complementary NPN Type Available (MMBT2222A)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Mechanical Data
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.110 (2.8)
.094 (2.4)
TO-236AB (SOT-23)
Dimensions in inches and (millimeters)
Pin Configuration
1 = Base 2 = Emitter
3 = Collector
www.comchip
tech.com
COMCHIP
General Purpose Transistor (PNP)
MMBT2907A
Ideal for Medium Power Amplification and Switching
COLLECTOR
3
1
BASE
2
EMITTER
Rating
Symbol
2907
2907A
Unit
Collector – Emitter Voltage
VCEO
–40
–60
Vdc
Collector – Base Voltage
VCBO
–60
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–600
mAdc
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
MDS030300B1


Similar Part No. - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT2907A STMICROELECTRONICS-MMBT2907A Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Feb-2003
logo
Transys Electronics
MMBT2907A TRSYS-MMBT2907A Datasheet
193Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT2907A FAIRCHILD-MMBT2907A Datasheet
58Kb / 6P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A Datasheet
51Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30040 Rev. 4 - 2
More results

Similar Description - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com