Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT2907A
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2907A Datasheet(HTML) 2 Page - Comchip Technology

  MMBT2907A Datasheet HTML 1Page - Comchip Technology MMBT2907A Datasheet HTML 2Page - Comchip Technology MMBT2907A Datasheet HTML 3Page - Comchip Technology MMBT2907A Datasheet HTML 4Page - Comchip Technology MMBT2907A Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.comchip
tech.com
COMCHIP
COMCHIP
General Purpose Transistor (PNP)
Page 2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(3)
(IC = –10 mAdc, IB = 0)
MMBT2907
MMBT2907A
V(BR)CEO
–40
–60
—
—
Vdc
Collector – Base Breakdown Voltage (IC = –10 mAdc, IE = 0)
V(BR)CBO
–60
—
Vdc
Emitter – Base Breakdown Voltage (IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
—
Vdc
Collector Cutoff Current (VCE = –30 Vdc, VBE(off) = –0.5 Vdc)
ICEX
—
–50
nAdc
Collector Cutoff Current
(VCB = –50 Vdc, IE = 0)
MMBT2907
MMBT2907A
(VCB = –50 Vdc, IE = 0, TA = 125°C)
MMBT2907
MMBT2907A
ICBO
—
—
—
—
–0.020
–0.010
–20
–10
µAdc
Base Current (VCE = –30 Vdc, VEB(off) = –0.5 Vdc)
IB
—
–50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = –0.1 mAdc, VCE = –10 Vdc)
MMBT2907
MMBT2907A
(IC = –1.0 mAdc, VCE = –10 Vdc)
MMBT2907
MMBT2907A
(IC = –10 mAdc, VCE = –10 Vdc)
MMBT2907
MMBT2907A
(IC = –150 mAdc, VCE = –10 Vdc) (3)
MMBT2907
MMBT2907A
(IC = –500 mAdc, VCE = –10 Vdc) (3)
MMBT2907
MMBT2907A
hFE
35
75
50
100
75
100
—
100
30
50
—
—
—
—
—
—
—
300
—
—
—
Collector – Emitter Saturation Voltage (3)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
—
—
–0.4
–1.6
Vdc
Base – Emitter Saturation Voltage (3)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VBE(sat)
—
—
–1.3
–2.6
Vdc
2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
1.FR-5 = 1.0 X 0.75 X 0.062 in.
MDS030300B1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com