Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBT2907A
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2907A Datasheet(HTML) 3 Page - Comchip Technology

  MMBT2907A Datasheet HTML 1Page - Comchip Technology MMBT2907A Datasheet HTML 2Page - Comchip Technology MMBT2907A Datasheet HTML 3Page - Comchip Technology MMBT2907A Datasheet HTML 4Page - Comchip Technology MMBT2907A Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.comchip
tech.com
COMCHIP
General Purpose Transistor (PNP)
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product (3),(4)
(IC = –50 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
200
—
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
8.0
pF
Input Capacitance
(VEB = –2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
30
pF
SWITCHING CHARACTERISTICS
Turn–On Time
ton
—
45
Delay Time
(VCC = –30 Vdc, IC = –150 mAdc,
I
= –15 mAdc
td
—
10
ns
Rise Time
IB1 = 15 mAdc)
tr
—
40
Turn–Off Time
toff
—
100
Storage Time
(VCC = –6.0 Vdc, IC = –150 mAdc,
I
= I
= –15 mAdc
ts
—
80
ns
Fall Time
IB1 =IB2 = 15 mAdc)
tf
—
30
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT is defined as the frequency at which |hfe| extrapolates to unity.
0
0
–16 V
200 ns
50
1.0 k
200
–30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
+15 V
–6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
–30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit
Page 3
MDS030300B1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com