Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1650WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT1650WSC Datasheet HTML 1Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
4
Pin No.
Pin Name
I/O
Pin Function
D6
CLMP1
O
Open Drain Output for Over-voltage Clamp Protection. Connect a 0.47
F
ceramic capacitor between this pin to AC1/AC2. When the RECT voltage
exceeds 11.5V, both switches will be turned on and the capacitors will act
as a low impedance to protect the IC from damage.
F6
CLMP2
O
E1, H4,
H5
GND
Analog Ground.
E2, E3
G4, G5
NC
No Connection. Keep this pin as floating.
Do not connect this pin to
power input or ground.
E4, F4
VDD1
O
Voltage Supply for Internal Circuit. Connect a 1
F ceramic capacitor
between this pin and GND.
E5, F5
VDD2
O
Voltage Supply for Internal Circuit. Connect a 1
F ceramic capacitor
between this pin and GND.
F1
SCL
I
I2C Compatible Series-Clock Input for internal register/MTP access.
F2
SDA
I/O
I2C Compatible Series-Data Input/Output for internal register/MTP access.
F3
GPIO
I/O
General Purpose Input/Output.
H1
CHG
O
Open-Drain Indicator Output. When the output regulator is enabled, this
pin is pulled to low.
H2
ADEN
O
Enable Control Output for External P-FET connecting ADD and OUT. This
pin is pulled to the higher of OUT and ADD when turning off the external
FET. This voltage tracks approximately 4V below ADD when voltage is
present at ADD.
H3
ADD
I
Adapter Power Detection Input. Connect this pin to the adapter input.
When a voltage is applied to this pin, wireless power is disabled and
ADEN is pulled low. If not used, this pin should be connected to ground.
G1
TS
I
Temperature Sense Input. Connect a NTC between this pin and GND for
temperature sensing. If the temperature sensing function is not desired,
connect a 24k
 resistor to GND. Host side can control this pin to send end
power transfer (EPT) to the transmitter: pull-low for EPT fault; pull-up for
EPT termination.
G2
MODE0
I
Operation Mode Control Input. These two pins are used to set power
source operation mode.
[MODE0, MODE1] = [0, 0]. Auto mode. Adapter power prior.
[MODE0, MODE1] = [0, 1]. Wireless power mode.
[MODE0, MODE1] = [1, 0]. Adapter power mode and OTG mode
[MODE0, MODE1] = [1, 1]. Disable both adapter and wireless powers.
G3
MODE1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com