Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1650WSC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT1650WSC Datasheet HTML 1Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
3
Typical Application Circuit
RT1650
CHG
ADD
OUT
System
Load
ADEN
PGND
COM1
BOOT1
CLMP1
USB or
AC Adapter Input
C5
CCLAMP1
CCOMM1
CBOOT1
CD
CCLAMP2
CCOMM2
CBOOT2
COM2
BOOT2
CLMP2
AC1
AC2
CS
12
μH Coil
COUT
D1
R4
CRECT
RECT
TS
NTC
Q1
1
μF/10V x 1
0.1
μF/10V x 1
1.5k
10
μF/16V x 2
GND
R1
33k
NCP15WF104F03RC
100k ohm
GPIO
SDA
SCL
MODE0
MODE1
1
μF/10V x 1
0.1
μF/10V x 1
0.47
μF/50V
22nF/50V
10nF/50V
10nF/50V
22nF/50V
0.47
μF/50V
47nF/50V x 4
VDD1
VDD2
1
μF/10V
1
μF/10V
CVDD1
CVDD2
PMDPB80XP
WPC Standard
1.8
μF/50V
Note : The component value and the maximum voltage rating is based on the WPC standard transmitter and 5V
adapter application. The customer should modify it depend on the different design and application.
Functional Pin Description
Pin No.
Pin Name
I/O
Pin Function
A1
BOOT2
O
Bootstrap Supply for Driving the High-side FETs of Synchronous Rectifier.
Connect a 10nF ceramic capacitor from BOOT1 to AC1 and from BOOT2
to AC2.
A6
BOOT1
O
A2 to A5
G6, H6
PGND
Power Ground.
B1 to B3
AC2
I
AC Power Input from Receiver Coil.
B4 to B6
AC1
I
C1 to C5
RECT
O
Output of Synchronous Rectifier. Connect a ceramic capacitor (10
F to
22
F) between this pin to PGND.
C6
COM1
O
Open-Drain Output for Communication with Transmitter. Connect through
a capacitor to AC1/AC2 for capacitive load modulation.
E6
COM2
O
D1 to D5
OUT
O
Power Output of Regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com