Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1650WSC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT1650WSC Datasheet HTML 17Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 18Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 20Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 22Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 24Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
21
Option for GPIO
Internal pull-up option (pull-up to 3.3V)
Internal pull-low option
GPIO can be push-pull or open-drain architecture
when GPIO programmed as an output.
Table 5. RT1650 GPIO Specification
Symbol
Description
Min
Typ
Max
Vil
input logic low voltage
0.8V
Vih
input logic high voltage
2V
5V
Vol
output low voltage
0.4V
Voh
output high voltage when push-pull architecture
2.6V
3.3V
Voh
output high voltage when open-drain
architecture
Hi-Z
Indicator Output
An open-drain output pin, CHG, is provided to indicate
the status of wireless power receiver. The CHG pin can
be connected to a LED for charge status indicator.
When the output of the RT1650 is enabled, the
open-drain N-FET at CHG pin will be pulled to low
level.
Input Over-Voltage Protection
When the input voltage increases suddenly, the
RT1650 adjusts voltage-control loop to maintain
regulator output voltage and sends control error
packets to the transmitter every 30ms until the input
voltage comes back to the VRECT target level (refer to
Dynamic Rectifier Voltage Control Section). Once the
VRECT voltage exceeds its over-voltage threshold
(11.5V typ.), the RT1650 turns on the N-FETs at
CLMP1 and CLMP2 pins to shunt the input current
through external capacitors. By the way the CLAMP
function may affect the communication signal to let the
Tx re-start up.
Over-Temperature Protection
The RT1650 provides an Over Temperature Protection
(OTP) feature to prevent excessive power dissipation
from overheating the device. The OTP function shuts
down the linear regulator operation when the junction
temperature
exceeds
150°C.
Once
the
junction
temperature cools down by around 20°C, the receiver
will automatically resume operating.
Foreign Object Detection
The RT1650 is a WPC 1.1.1 compatible device. In
order to enable a power transmitter to monitor the
power loss across the interface as one of the possible
methods to limit the temperature rise of foreign objects,
the RT1650 reports its received power to the power
transmitter. The received power equals the power that
is available from the output of the power receiver plus
any power that is lost in producing that output power
(the power loss in the secondary coil and series
resonant capacitor, the power loss in the shielding of
the power receiver, the power loss in the rectifier). In
WPC1.1.1 specification, Foreign Object Detection
(FOD) is enforced. This means the RT1650 will send
received power information with known accuracy to the
transmitter. The received power is sensed as the
Figure 13.
LS
CS
CD
AC1
AC2
Rectifier
Regulator
POUT
COUT
VRECT
RECT
CRECT
VS
LP
M
PTX,AC
PRX,AC
PRECT
IOUT
CP
OUT
Figure 13. Received Power Sensed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com