Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1650WSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT1650WSC Datasheet HTML 1Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
1
Wireless Power Receiver Compliant with WPC
General Description
The RT1650 is a wireless power receiver compliant
with WPC V1.1 standard. The RT1650 integrates a
synchronous
full-bridge
rectifier,
a
low
dropout
regulator, and a Micro Controller Unit (MCU) for control
and communication. The device receives AC power
from a WPC compatible wireless transmitter and
provides output power up to 7.5W, which could be used
as a power supply for a charger of mobile or consumer
devices.
The MCU-based controller can support bi-direction
channel communication including Frequency Shift
Keying (FSK) demodulation for power signal from the
transmitter
and
Amplitude
Shift
Keying
(ASK)
modulation for power signal to the transmitter. The
RT1650 provides Foreign Object Detection (FOD)
function to meet the requirement after WPC V1.1. It
communicates with the transmitter for the received
power to determine if a foreign object is present within
the magnetic interface. This provides a higher level of
safety.
The RT1650 provides a programmable dynamic
rectifier voltage control function to improve power
efficiency, a programmable power management control
for maximum power delivery, a programmable current
limit for suitable load setting, a programmable temperature
setting with external NTC for thermoregulation, and
proper protection functions such as UVLO, OVP, and
OTP.
Features
Single-Chip WPC V1.1 Compliant Receiver
Integrated Synchronous Rectifier Switch
Support Output Power up to 7.5W
High Rectifier Efficiency up to 96%
High System Efficiency up to 80%
Programmable Loading for Synchronous Rectifier
Operation
Programmable Dynamic Rectifier Voltage Control
for Optimized Transient Response and Power
Efficiency
High Accurate Received Power Calculation for
FOD Function
10-bit ADC for Voltage/Current Measurement
Coil
Power Loss Modeling
for Optimized
Compensation
Adaptive Power Offset Compensation
Low Quiescent Embedded 32-bit ARM Cortex-M0
MCU
32KB ROM/OTP, 1KB SRAM and 272B MTP
Easy Tuning for Communication and Control
Parameters
Support Bi-direction Channel Communication
FSK Demodulation for Power Signal from
Wireless Power Transmitter
ASK Modulation for Power Signal to Wireless
Power Transmitter
Programmable Temperature Control
Programmable Charge Status Packet
Support Alignment with Transmitter
Support Enable, Charge Complete and Fault
Control Inputs
Receiver Controlled EPT Packet
Over Current Limit
Over Voltage Protection
Thermal Shutdown
CSP 3.0mm x 3.4mm 48B (Pitch = 0.4mm)
Low Profile (0.5mm Max.)
Applications
WPC Compliant Receivers
Cell Phones & Smart Phones
Digital Cameras
Power Banks
Wireless Power Embedded Batteries
Headsets
Portable Media Players
Hand-held Devices


Similar Part No. - RT1650WSC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT16 ADAM-TECH-RT16 Datasheet
151Kb / 2P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT16 ADAM-TECH-RT16 Datasheet
497Kb / 16P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
logo
Tyco Electronics
RT16041 MACOM-RT16041 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT16041 MACOM-RT16041 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
logo
List of Unclassifed Man...
RT1608 ETC1-RT1608 Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
More results

Similar Description - RT1650WSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
NXP Semiconductors
WCT1012DS NXP-WCT1012DS Datasheet
2Mb / 45P
Compliant with the latest version Wireless Power Consortium (WPC) specifications transmitter design
Rev. 1.1, 09/2015
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com