Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC451 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC451
Description  Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC451 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC451 Datasheet HTML 1Page - National Semiconductor (TI) CLC451 Datasheet HTML 2Page - National Semiconductor (TI) CLC451 Datasheet HTML 3Page - National Semiconductor (TI) CLC451 Datasheet HTML 4Page - National Semiconductor (TI) CLC451 Datasheet HTML 5Page - National Semiconductor (TI) CLC451 Datasheet HTML 6Page - National Semiconductor (TI) CLC451 Datasheet HTML 7Page - National Semiconductor (TI) CLC451 Datasheet HTML 8Page - National Semiconductor (TI) CLC451 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
+5V Typical Performance (A
v = +2, RL = 100Ω,Vs = +5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Frequency Response
Frequency (Hz)
10M
Vo = 0.5Vpp
-225
-180
-135
-90
-45
0
100M
1M
Av = 1
Av = -1
Av = 2
Av = 1
Av = 2
Av = -1
Gain
Phase
Frequency Response vs. RL
Frequency (Hz)
10M
Vo = 0.5Vpp
-450
-360
-270
-180
-90
0
100M
1M
RL = 1kΩ
RL = 100Ω
RL = 25Ω
RL = 1kΩ
RL = 100Ω
RL = 25Ω
Gain
Phase
Frequency Response vs. Vo (Av = 2)
Frequency (Hz)
10M
100M
1M
Vo = 1Vpp
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
Frequency Response vs. Vo (Av = +1)
Frequency (Hz)
10M
100M
1M
Vo = 1Vpp
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
Frequency Response vs. Vo (Av = -1)
Frequency (Hz)
10M
100M
1M
Vo = 1Vpp
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
Frequency Response vs. CL
Frequency (Hz)
1M
10M
100M
Vo = 0.5Vpp
CL = 10pF
Rs = 49.9Ω
CL = 100pF
Rs = 21Ω
CL = 1000pF
Rs = 6.7Ω
CL
1k
Rs
+
-
1k
1k
Gain Flatness
Frequency (MHz)
10
20
30
Vo = 0.5Vpp
Equivalent Input Noise
Frequency (Hz)
4
3.5
0.1k
1k
10k
100k
1M
10M
3
2.5
Non-Inverting Current 6.9pA/
√Hz
Inverting Current 8.5pA/
√Hz
Voltage 3.0nV/
√Hz
10
11
12
9
6
8
7
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
Vo = 2Vpp
-90
-80
-70
-60
-50
-40
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
2nd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-25
-30
-35
-40
-45
-50
-55
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-20
-30
-40
-50
-60
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-55
-60
-65
-70
-75
-80
-85
-90
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-30
-35
-40
-45
-50
-55
-60
-65
-70
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
-85
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-50
-55
-60
-65
-70
-75
-80
-85
2MHz
5MHz
10MHz
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com