Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC451 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC451
Description  Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC451 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC451 Datasheet HTML 4Page - National Semiconductor (TI) CLC451 Datasheet HTML 5Page - National Semiconductor (TI) CLC451 Datasheet HTML 6Page - National Semiconductor (TI) CLC451 Datasheet HTML 7Page - National Semiconductor (TI) CLC451 Datasheet HTML 8Page - National Semiconductor (TI) CLC451 Datasheet HTML 9Page - National Semiconductor (TI) CLC451 Datasheet HTML 10Page - National Semiconductor (TI) CLC451 Datasheet HTML 11Page - National Semiconductor (TI) CLC451 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
Figure 11: Power Derating Curve
Layout Considerations
A proper printed circuit layout is essential for achieving
high
frequency
performance. Comlinear
provides
evaluation boards for the CLC451 (CLC730013-DIP,
CLC730027-SOIC, CLC730068-SOT) and suggests their
use as a guide for high frequency layout and as an aid for
device testing and characterization.
General layout and supply bypassing play major roles in
high frequency performance. Follow the steps below as
a basis for high frequency layout:
s
Include 6.8
µF tantalum and 0.1µF ceramic
capacitors on both supplies.
s
Place the 6.8
µF capacitors within 0.75 inches
of the power pins.
s
Place the 0.1
µF capacitors less than 0.1 inches
from the power pins.
s
Remove the ground plane under and around the
part, especially near the input and output pins to
reduce parasitic capacitance.
s
Minimize all trace lengths to reduce series
inductances.
s
Use flush-mount printed circuit board pins for
prototyping, never use high profile DIP sockets.
Evaluation Board Information
Data
sheets
are
available
for
the
CLC730013/
CLC730027 and CLC730068 evaluation boards. The
evaluation board data sheets provide:
s
Evaluation board schematics
s
Evaluation board layouts
s
General information about the boards
The CLC730013/CLC730027 data sheet also contains
tables of recommended components to evaluate several
of Comlinear’s high speed amplifiers. This table for the
CLC451 is illustrated below.
Refer to the evaluation
board data sheet for schematics and further information.
Components Needed to Evaluate the
CLC451 on the Evaluation Board:
s
Rin, Rout - Typically 50Ω (Refer to the Basic
Operation section of the evaluation board data
sheet for details)
s
Rt - Optional resistor for inverting gain configura-
tions (Select Rt to yield desired input impedance
= Rg || Rt)
s
C1, C2 - 0.1µF ceramic capacitors
s
C3, C4 - 6.8µF tantalum capacitors
Components not used:
s
C5, C6, C7, C8
s
R1 thru R8
The evaluation boards are designed to accommodate
dual supplies. The boards can be modified to provide
single supply operation.
For best performance; 1) do
not connect the unused supply, 2) ground the unused
supply pin.
Special Evaluation Board
Considerations for the CLC451
To optimize off-isolation of the CLC451, cut the Rf trace on
both the CLC730013 and the CLC730027 evaluation
boards. This cut minimizes capacitive feedthrough
between the input and the output. Figure 12 shows where
to cut both evaluation boards for improved off-isolation.
Figure 12: Evaluation Board Changes
SPICE Models
SPICE models provide a means to evaluate amplifier
designs.
Free
SPICE
models
are
available
for
Comlinear’s monolithic amplifiers that:
s
Support Berkeley SPICE 2G and its many derivatives
s
Reproduce typical DC, AC, Transient, and Noise
performance
s
Support room temperature simulations
The
readme file that accompanies the diskette lists
released models, and provides a list of modeled parame-
ters.
The application note OA-18, Simulation SPICE
Models for Comlinear’s Op Amps, contains schematics
and a reproduction of the readme file.
Single Supply Cable Driver
The typical application shown on the front page shows
the CLC451 driving 10m of 75
Ω coaxial cable. The
CLC451 is set for a gain of +2V/V to compensate for the
divide-by-two voltage drop at Vo.
Application Circuits
730013
REV C
Cut trace here
R8
R5
OUT
C6
C2
C1
C5
C8
IN
RF
C7
-Vcc
+Vcc
GND
Comlinear
A National Semiconductor Company
(303) 226-0500
+
+
Cut trace here
Ambient Temperature (
°C)
0
0.2
0.4
0.6
0.8
1.0
-40 -20
0
20
40
60
80 100 120
180
AJP
AJE
SOT
140 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com