Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC451 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC451
Description  Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC451 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC451 Datasheet HTML 1Page - National Semiconductor (TI) CLC451 Datasheet HTML 2Page - National Semiconductor (TI) CLC451 Datasheet HTML 3Page - National Semiconductor (TI) CLC451 Datasheet HTML 4Page - National Semiconductor (TI) CLC451 Datasheet HTML 5Page - National Semiconductor (TI) CLC451 Datasheet HTML 6Page - National Semiconductor (TI) CLC451 Datasheet HTML 7Page - National Semiconductor (TI) CLC451 Datasheet HTML 8Page - National Semiconductor (TI) CLC451 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
100mA output current
s
1.5mA supply current
s
85MHz bandwidth (Av = +2)
s
-66/-75dBc HD2/HD3 (1MHz)
s
25ns settling to 0.05%
s
260V/
µs slew rate
s
Stable for capacitive loads up to 1000pF
s
Single 5V to ±5V supplies
s
Available in Tiny SOT23-5 package
Applications
s
Coaxial cable driver
s
Twisted pair driver
s
Transformer/Coil Driver
s
High capacitive load driver
s
Video line driver
s
Portable/battery-powered applications
s
A/D driver
VEE
1k
Ω
1k
Ω
0.1
µF
6.8
µF
Vin
5k
Ω
5k
Ω
+
+5V
+5V
1
CLC451
7
6
8
5
3
4
2
1k
Ω
1k
Ω
0.1
µF 0.1µF
Vo
10m of 75
Ω
Coaxial Cable
75
Ω
0.1
µF
75
Ω
Typical Application
Single Supply Cable Driver
Pinout
DIP & SOIC
General Description
The CLC451 is a low cost, high speed (85MHz) buffer that
features user-programmable gains of +2, +1, and -1V/V. It has a
new output stage that delivers high output drive current (100mA),
but consumes minimal quiescent supply current (1.5mA) from a
single 5V supply. Its current feedback architecture, fabricated in
an advanced complementary bipolar process, maintains consis-
tent performance over a programmable range of gains and wide
signal levels, and has a linear-phase response up to one half of
the -3dB frequency. The CLC451’s internal feedback network
provides an excellent gain accuracy of 0.3%
The CLC451 offers superior dynamic performance with a 85MHz
small-signal bandwidth, 260V/
µs slew rate and 6.5ns rise/fall
times (2Vstep). The combination of the small SOT23-5 package,
low quiescent power, high output current drive, and high-speed
performance make the CLC451 well suited for many battery-
powered personal communication/computing systems.
The ability to drive low-impedance, highly capacitive loads,
makes the CLC451 ideal for single ended cable applications. It
also drives low impedance loads with minimum distortion. The
CLC451 will drive a 100
Ω load with only -78/-65dBc second/third
harmonic distortion (Av = +2, Vout = 2Vpp, f = 1MHz). With a 25Ω
load, and the same conditions, it produces only -55/-60dBc sec-
ond/third harmonic distortion. It is also optimized for driving high
currents into single-ended transformers and coils.
When driving the input of high-resolution A/D converters, the
CLC451 provides excellent -66/-75dBc second/third harmonic
distortion (Av = +2, Vout = 2Vpp, f = 1MHz, RL = 1kΩ) and fast
settling time.
Maximum Output Voltage vs. RL
RL (
Ω)
1
2
3
4
5
6
7
8
9
10
10
100
1000
Vs = +5V
VCC = ±5V
CLC451
Single Supply, Low-Power, High Output,
Programmable Buffer
N
June 1999
Response After 10m of Cable
20ns/div
Vin = 10MHz, 0.5Vpp
Vinv
VCC
VEE
Vo
Vnon-inv
1k
Ω
1k
Ω
+-
Pinout
SOT23-5
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC450AJ NSC-CLC450AJ Datasheet
203Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452AJ NSC-CLC452AJ Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC453 NSC-CLC453 Datasheet
330Kb / 12P
Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
More results

Similar Description - CLC451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
Dual, High Output, Programmable Gain Buffer
CLC453 NSC-CLC453 Datasheet
330Kb / 12P
Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
Single Output, Low Power Programmable
logo
Good Will Instrument Co...
PPS-3635 GWINSTEK-PPS-3635 Datasheet
107Kb / 1P
SINGLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
Programmable Dual Output Power Supply
January 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com