Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC451 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC451
Description  Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC451 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC451 Datasheet HTML 4Page - National Semiconductor (TI) CLC451 Datasheet HTML 5Page - National Semiconductor (TI) CLC451 Datasheet HTML 6Page - National Semiconductor (TI) CLC451 Datasheet HTML 7Page - National Semiconductor (TI) CLC451 Datasheet HTML 8Page - National Semiconductor (TI) CLC451 Datasheet HTML 9Page - National Semiconductor (TI) CLC451 Datasheet HTML 10Page - National Semiconductor (TI) CLC451 Datasheet HTML 11Page - National Semiconductor (TI) CLC451 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
Twisted Pair Driver
The high output current and low distortion, of the
CLC451, make it well suited for driving transformers.
Figure 13 illustrates a typical twisted pair driver utilizing
the CLC451 and a transformer. The transformer
provides the signal and its inversion for the twisted pair.
Figure 13: Twisted Pair Driver
To match the line’s characteristic impedance (Zo) set:
s
RL = Zo
s
Rm = Req
Where Req is the transformed value of the load imped-
ance, (RL), and is approximated by:
Select the transformer so that it loads the line with a
value close to Zo, over the desired frequency range. The
output impedance, Ro, of the CLC451 varies with
frequency and can also affect the return loss. The return
loss, shown below, takes into account an ideal
transformer and the value of Ro.
The load current (IL) and voltage (Vo) are related to the
CLC451’s maximum output voltage and current by:
From the above current relationship, it is obvious that an
amplifier with high output drive capability is required.
R
R
n
eq
L
2
=
Return Loss(dB)
20log
n
R
Z
10
2
o
o
≈−
⋅
Vn V
I
I
n
o
max
L
max
≤⋅
≤
+
Vo
-
Rm
RL
Zo
UTP
IL
Req
1:n
V = Av Vin
V
n
4
AV
v in
=
V
-n
4
AV
v in
=
V
1n
2
AV
ov in
=
Vin
Rt
1
CLC451
7
6
8
5
3
4
2
1k
Ω
1k
Ω
0.1
µF
6.8
µF
+
VEE
Av = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com