Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 37Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 38Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 39Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 40Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 41Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 42Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 43Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 44Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 39
PIC16F87XA
3.7
Protection Against Spurious Write
There are conditions when the device should not write
to the data EEPROM or Flash program memory. To
protect against spurious writes, various mechanisms
have been built-in. On power-up, WREN is cleared.
Also, the Power-up Timer (72 ms duration) prevents an
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during brown-out,
power glitch or software malfunction.
3.8
Operation During Code-Protect
When the data EEPROM is code-protected, the micro-
controller can read and write to the EEPROM normally.
However, all external access to the EEPROM is
disabled. External write access to the program memory
is also disabled.
When program memory is code-protected, the microcon-
troller can read and write to program memory normally,
as well as execute instructions. Writes by the device may
be selectively inhibited to regions of the memory depend-
ing on the setting of bits WR1:WR0 of the configuration
word (see Section 14.1 “Configuration Bits” for addi-
tional information). External access to the memory is also
disabled.
TABLE 3-1:
REGISTERS/BITS ASSOCIATED WITH DATA EEPROM AND
FLASH PROGRAM MEMORIES
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
Resets
10Ch
EEDATA
EEPROM/Flash Data Register Low Byte
xxxx xxxx
uuuu uuuu
10Dh
EEADR
EEPROM/Flash Address Register Low Byte
xxxx xxxx
uuuu uuuu
10Eh
EEDATH
—
—
EEPROM/Flash Data Register High Byte
xxxx xxxx
---0 q000
10Fh
EEADRH
—
—
—
EEPROM/Flash Address Register High Byte
xxxx xxxx
---- ----
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
---0 q000
18Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
---- ----
0Dh
PIR2
—
CMIF
—EEIF
BCLIF
—
—
CCP2IF
-0-0 0--0
-0-0 0--0
8Dh
PIE2
—
CMIE
—EEIE
BCLIE
—
—
CCP2IE
-0-0 0--0
-0-0 0--0
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’, q = value depends upon condition.
Shaded cells are not used by data EEPROM or Flash program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com