Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 77Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 78Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 79Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 80Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 81Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 82Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 83Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 84Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 79
PIC16F87XA
9.3.8
SLEEP OPERATION
In Master mode, all module clocks are halted and the
transmission/reception will remain in that state until the
device wakes from Sleep. After the device returns to
normal mode, the module will continue to transmit/
receive data.
In Slave mode, the SPI Transmit/Receive Shift register
operates asynchronously to the device. This allows the
device to be placed in Sleep mode and data to be
shifted into the SPI Transmit/Receive Shift register.
When all 8 bits have been received, the MSSP interrupt
flag bit will be set and if enabled, will wake the device
from Sleep.
9.3.9
EFFECTS OF A RESET
A Reset disables the MSSP module and terminates the
current transfer.
9.3.10
BUS MODE COMPATIBILITY
Table 9-1
shows
the
compatibility
between
the
standard SPI modes and the states of the CKP and
CKE control bits.
TABLE 9-1:
SPI BUS MODES
There is also a SMP bit which controls when the data is
sampled.
TABLE 9-2:
REGISTERS ASSOCIATED WITH SPI OPERATION
Standard SPI Mode
Terminology
Control Bits State
CKP
CKE
0, 0
0
1
0, 1
0
0
1, 0
1
1
1, 1
1
0
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF TMR1IF 0000 0000 0000 0000
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
SSPCON
WCOL
SSPOV SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0 0000 0000 0000 0000
TRISA
—
PORTA Data Direction Register
--11 1111 --11 1111
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
0000 0000 0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’.
Shaded cells are not used by the MSSP in SPI mode.
Note 1:
The PSPIF, PSPIE and PSPIP bits are reserved on 28-pin devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com