Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 45Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 46Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 47Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 48Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 49Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 50Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 51Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 52Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 47
PIC16F87XA
TABLE 4-5:
PORTC FUNCTIONS
TABLE 4-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T1CKI
bit 0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input.
RC1/T1OSI/CCP2
bit 1
ST
Input/output port pin or Timer1 oscillator input or Capture2 input/
Compare2 output/PWM2 output.
RC2/CCP1
bit 2
ST
Input/output port pin or Capture1 input/Compare1 output/
PWM1 output.
RC3/SCK/SCL
bit 3
ST
RC3 can also be the synchronous serial clock for both SPI and
I2C modes.
RC4/SDI/SDA
bit 4
ST
RC4 can also be the SPI data in (SPI mode) or data I/O (I2C mode).
RC5/SDO
bit 5
ST
Input/output port pin or Synchronous Serial Port data output.
RC6/TX/CK
bit 6
ST
Input/output port pin or USART asynchronous transmit or
synchronous clock.
RC7/RX/DT
bit 7
ST
Input/output port pin or USART asynchronous receive or
synchronous data.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx uuuu uuuu
87h
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com