Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 47Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 48Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 49Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 50Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 51Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 52Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 53Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 54Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 49
PIC16F87XA
4.5
PORTE and TRISE Register
PORTE has three pins (RE0/RD/AN5, RE1/WR/AN6
and RE2/CS/AN7) which are individually configurable
as inputs or outputs. These pins have Schmitt Trigger
input buffers.
The PORTE pins become the I/O control inputs for the
microprocessor port when bit PSPMODE (TRISE<4>) is
set. In this mode, the user must make certain that the
TRISE<2:0> bits are set and that the pins are configured
as digital inputs. Also, ensure that ADCON1 is config-
ured for digital I/O. In this mode, the input buffers are
TTL.
Register 4-1 shows the TRISE register which also
controls the Parallel Slave Port operation.
PORTE pins are multiplexed with analog inputs. When
selected for analog input, these pins will read as ‘0’s.
TRISE controls the direction of the RE pins, even when
they are being used as analog inputs. The user must
make sure to keep the pins configured as inputs when
using them as analog inputs.
FIGURE 4-9:
PORTE BLOCK DIAGRAM
(IN I/O PORT MODE)
TABLE 4-9:
PORTE FUNCTIONS
Note:
PORTE and TRISE are not implemented
on the 28-pin devices.
Note:
On a Power-on Reset, these pins are
configured as analog inputs and read as ‘0’.
Data
Bus
WR
Port
WR
TRIS
RD Port
Data Latch
TRIS Latch
RD
Schmitt
Trigger
Input
Buffer
Q
D
CK
Q
D
CK
EN
QD
EN
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
TRIS
Name
Bit#
Buffer Type
Function
RE0/RD/AN5
bit 0
ST/TTL(1)
I/O port pin or read control input in Parallel Slave Port mode or analog input:
RD
1
=Idle
0
= Read operation. Contents of PORTD register are output to PORTD
I/O pins (if chip selected).
RE1/WR/AN6
bit 1
ST/TTL(1)
I/O port pin or write control input in Parallel Slave Port mode or analog input:
WR
1
=Idle
0
= Write operation. Value of PORTD I/O pins is latched into PORTD
register (if chip selected).
RE2/CS/AN7
bit 2
ST/TTL(1)
I/O port pin or chip select control input in Parallel Slave Port mode or analog input:
CS
1
= Device is not selected
0
= Device is selected
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com