Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 142Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 143Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 144Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 145Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 146Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 147Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 148Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 149Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 234 page
background image
PIC16F87XA
DS39582B-page 144
 2003 Microchip Technology Inc.
REGISTER 14-1:
CONFIGURATION WORD (ADDRESS 2007h)(1)
R/P-1
U-0
R/P-1
R/P-1
R/P-1
R/P-1 R/P-1
R/P-1
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
CP
—
DEBUG WRT1 WRT0
CPD
LVP
BOREN
—
—PWRTEN WDTEN FOSC1FOSC0
bit 13
bit0
bit 13
CP: Flash Program Memory Code Protection bit
1
= Code protection off
0
= All program memory code-protected
bit 12
Unimplemented: Read as ‘1’
bit 11
DEBUG: In-Circuit Debugger Mode bit
1
= In-Circuit Debugger disabled, RB6 and RB7 are general purpose I/O pins
0
= In-Circuit Debugger enabled, RB6 and RB7 are dedicated to the debugger
bit 10-9
WRT1:WRT0 Flash Program Memory Write Enable bits
For PIC16F876A/877A:
11
= Write protection off; all program memory may be written to by EECON control
10
= 0000h to 00FFh write-protected; 0100h to 1FFFh may be written to by EECON control
01
= 0000h to 07FFh write-protected; 0800h to 1FFFh may be written to by EECON control
00
= 0000h to 0FFFh write-protected; 1000h to 1FFFh may be written to by EECON control
For PIC16F873A/874A:
11
= Write protection off; all program memory may be written to by EECON control
10
= 0000h to 00FFh write-protected; 0100h to 0FFFh may be written to by EECON control
01
= 0000h to 03FFh write-protected; 0400h to 0FFFh may be written to by EECON control
00
= 0000h to 07FFh write-protected; 0800h to 0FFFh may be written to by EECON control
bit 8
CPD: Data EEPROM Memory Code Protection bit
1
= Data EEPROM code protection off
0
= Data EEPROM code-protected
bit 7
LVP: Low-Voltage (Single-Supply) In-Circuit Serial Programming Enable bit
1
= RB3/PGM pin has PGM function; low-voltage programming enabled
0
= RB3 is digital I/O, HV on MCLR must be used for programming
bit 6
BOREN: Brown-out Reset Enable bit
1
= BOR enabled
0
= BOR disabled
bit 5-4
Unimplemented: Read as ‘1’
bit 3
PWRTEN: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTEN: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state
Note 1: The erased (unprogrammed) value of the Configuration Word is 3FFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com