Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 176Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 177Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 178Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 179Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 180Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 181Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 182Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 183Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 234 page
background image
PIC16F87XA
DS39582B-page 178
 2003 Microchip Technology Inc.
17.2
DC Characteristics: PIC16F873A/874A/876A/877A (Industrial, Extended)
PIC16LF873A/874A/876A/877A (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC specification
(Section 17.1)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
VSS
—0.15 VDD
V
For entire VDD range
D030A
VSS
—0.8V
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
VSS
—0.2 VDD
V
D032
MCLR, OSC1 (in RC mode)
VSS
—0.2 VDD
V
D033
OSC1 (in XT and LP modes)
VSS
—0.3V
V
(Note 1)
OSC1 (in HS mode)
VSS
—0.3 VDD
V
Ports RC3 and RC4:
—
D034
with Schmitt Trigger buffer
VSS
—0.3 VDD
V
For entire VDD range
D034A
with SMBus
-0.5
—
0.6
V
For VDD = 4.5 to 5.5V
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25 VDD
+ 0.8V
—VDD
V
For entire VDD range
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V
For entire VDD range
D042
MCLR
0.8 VDD
—VDD
V
D042A
OSC1 (in XT and LP modes)
1.6V
—
VDD
V
(Note 1)
OSC1 (in HS mode)
0.7 VDD
—VDD
V
D043
OSC1 (in RC mode)
0.9 VDD
—VDD
V
Ports RC3 and RC4:
D044
with Schmitt Trigger buffer
0.7 VDD
—VDD
V
For entire VDD range
D044A
with SMBus
1.4
—
5.5
V
For VDD = 4.5 to 5.5V
D070
IPURB
PORTB Weak Pull-up Current
50
250
400
µAVDD = 5V, VPIN = VSS,
-40°C TO +85°C
IIL
Input Leakage Current(2, 3)
D060
I/O ports
—
—
±1
µAVSS ≤ VPIN ≤ VDD,
pin at high-impedance
D061
MCLR, RA4/T0CKI
—
—
±5
µAVSS ≤ VPIN ≤ VDD
D063
OSC1
—
—
±5
µAVSS ≤ VPIN ≤ VDD, XT, HS
and LP osc configuration
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC16F87XA be driven with external clock in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com