Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 212Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 213Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 214Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 215Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 216Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 217Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 218Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 219Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 234 page
background image
PIC16F87XA
DS39582B-page 214
 2003 Microchip Technology Inc.
44-Lead Plastic Quad Flat No Lead Package (ML) 8x8 mm Body (QFN)
Lead Width
*Controlling Parameter
Drawing No. C04-103
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed .010" (0.254mm) per side.
B
.012
.013
.013
0.30
0.33
0.35
Pitch
Number of Pins
Overall Width
Standoff
Overall Length
Overall Height
MAX
Units
Dimension Limits
A1
D
E
n
p
A
.315 BSC
.000
INCHES
.026 BSC
MIN
44
NOM
MAX
.002
0
8.00 BSC
MILLIMETERS*
.039
MIN
44
0.65 BSC
NOM
0.05
1.00
.010 REF
Base Thickness
A3
0.25 REF
JEDEC equivalent: M0-220
0.90
.035
.001
0.02
.315 BSC
8.00 BSC
Lead Length
L
.014
.016
.018
0.35
0.40
0.45
E2
D2
Exposed Pad Width
Exposed Pad Length
.262
.268
.274
6.65
6.80
6.95
.262
.268
.274
6.65
6.80
6.95
D2
D
A1
A3
A
TOP VIEW
n
1
L
E2
BOTTOM VIEW
B
E
2
PAD
METAL
EXPOSED
p
PIN 1
INDEX ON
EXPOSED PAD
TOP MARKING
INDEX ON
OPTIONAL PIN 1
.031
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com