Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877ATI/ML Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 226Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 227Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 228Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 229Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 230Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 231Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 232Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 233Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 234Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 233 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 231
PIC16F87XA
PIC16F87XA PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F87XA(1), PIC16F87XAT(2); VDD range 4.0V to 5.5V
PIC16LF87XA(1), PIC16LF87XAT(2); VDD range 2.0V to 5.5V
Temperature Range
I
=
-40
°C to +85°C (Industrial)
Package
ML
=
QFN (Metal Lead Frame)
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
L=
PLCC
S
=
SSOP
Examples:
a)
PIC16F873A-I/P 301 = Industrial temp., PDIP
package, normal VDD limits, QTP pattern #301.
b)
PIC16LF876A-I/SO
=
Industrial
temp.,
SOIC
package, Extended VDD limits.
c)
PIC16F877A-I/P = Industrial temp., PDIP package,
10 MHz, normal VDD limits.
Note
1:
F
= CMOS Flash
LF = Low-Power CMOS Flash
2:
T
= in tape and reel - SOIC, PLCC,
TQFP packages only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com