Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3232MFP Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT3232MFP
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232MFP Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT3232MFP Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Aeroflex Circuit Technology
4
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Receiver con’t
Output Characteristics, RX Data & Data
“1” State (ISOURCE = -0.4 mA) Note 2
“0” State (ISINK = 4 mA) Note 2
Note: With Receiver input below threshold, both RX Data & RX
Data outputs remain in “1” state.
Delay (average) from differential input zero crossings to RX Data
& RX Data output 50% points.
VOH
VOL
tDRX
2.5
-
-
3.3
-
290
-
0.5
450
V
V
ns
Note 1: Assumes unit in free air (natural convection cooling).
Driver
Power Supply Voltage Ranges
(See Receiver Section for VCCL)
VCCTX
VEETXL
+11.75
-11.75
-
-
+15.75
-15.75
V
V
Supply Current, “Standby” mode (See Receiver Section for ICCL)
(TX Inhibit high; or TX Data & TX Data both high or both low)
ICCTXS
IEETXS
-
-
12
0
Note 2
1.0
mA
mA
Supply Current transmitting at 1MHz into a 35
Ω load
at point A in Figure 4
(ICCL limits do not change with mode of operation
or duty cycle)
Duty Cycle
ICCX25
Note 4
45
Note 2
mA
25%
IEEX25
Note 3
35
Note 2
mA
100%
VCCTX
Note 4
150
Note 2
mA
IEETX
Note 3
135
Note 2
mA
Input Characteristics, TX Data In or TX Data In
“0” Input Current (VIN = 0.4 V)
“1” Input Current (VIN = 2.7 V)
“0” Input Voltage
“1” Input VoltageV
IILD
IIHD
VILD
VIHD
-
-
-
2.0
-
-
-
-
-1.2
100
0.7
-
mA
µa
V
V
Inhibit Characteristic
“0” Input Current (VIN = 0.4 V)
“1” Input Current (VIN = 2.7 V)
“0” Input Voltage
“1” Input Voltage
Delay from TX Inhibit (0
∅1) to inhibited output impedance
Delay from TX Inhibit (1
∅0) to active output impedance
Differential output noise, inhibit mode
Differential output impedance (inhibited) at 1MHz
IILI
IIHI
VILI
VIHII
tDXOFF
tDXON
VNOI
ZOI
-
-
-
2.0
-
-
-
10K
-
-
-
-
300
100
-
-
-0.8
50
0.7
-
450
350
10
-
mA
µA
V
V
ns
ns
mVPEAK
Ω
Output Characteristics (Figure 3)
Differential output level (140 ohm load)
Differential Active output impedance at 1MHz
Rise and Fall times (10% to 90% of p-p output)
Output offset at point A in Fig. 4 (35
Ω load) 2.5µS after mid-bit
crossing of the parity bit of the last word of a 660µS message
Delay from 50% point of TX Data or TX Data input to zero
crossing of differential output
VO
ZOA
tR /tF
VOS
tDTX
28
-
200
-
-
32
-
-
±20
220
35
10
300
±75
350
Vp-p
Ω
ns
mVpeak
ns
Note 2: Maximum supply currents for driver and receiver combined are included in power and thermal data table.
Electrical Characteristics con’t
Parameter / Condition
Sym
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com