Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3232MFP Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # CT3232MFP
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232MFP Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  CT3232MFP Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Aeroflex Circuit Technology
6
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Figure 5 – Typical Power Dissipation (Total Hybrid)
Figure 4 – Typical Input / Output Connections
Figure 3 – Driver Logic Waveforms
Aeroflex ACT15530
or
Harris HD15530
CT3232
22
22
23
16
15
HI OR LOW
INHIBIT
BOTH HIGH
OR BOTH LOW
= INHIBIT
TX DATA IN
TX DATA IN
tDTX
VO
tR
tDXOFF
tDXON
OVERRIDING
INHIBIT
50%
HI OR LOW
10%
90%
BIPOLAR
ONE
OUT
BIPOLAR
ZERO
OUT
BIPOLAR
ZERO
OUT
BIPOLAR
ONE
OUT
Taps at 1:.707 For
Stub Coupling
CT
}
A
For
Direct
Coupling
(1 : 1)
55
Ω
55
Ω
Do not
Connect
2
1
10
7
22
15
17
7
6
TECHNITROL
T1553-1
OR EQUIVALENT
TRANSFORMER
CT3232
RX
DATA
IN
RX
DATA
IN
TX
DATA
OUT
TX
DATA
IN
TX
DATA
IN
RX
OUT
DATA
RX
OUT
DATA
TX
DATA
OUT
Note: Case Temperature must be held to +100°C Maximum
0
10
20
30
40
50
60
70
80
90 100
4
3
2
1
0
DUTY CYCLE – PERCENT
±12V
±15V
for 100% Duty Cycle. For Operation at Case Temperature
of +125°C, See "Power and Thermal Data".
Transmit & Receive Time
% Duty Cycle =
Transmit Time
x 100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com