Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3232MFP Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # CT3232MFP
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232MFP Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  CT3232MFP Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aeroflex Circuit Technology
5
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Power and Thermal Data, Total Hybrid (Driver and Receiver)
Total Supply Current, “Standby” mode or transmitting at less than
1% duty cycle (e.g. 20µS of transmission every 2mS or longer
interval)
ICCS
IEES
ICCL
-
-
-
40
30
35
50
40
45
mA
mA
mA
Total Supply Current transmitting at 1MHz into a 35
Ω
load at point A in Figure 4
(ICCL limits do not change with mode of operation
or duty cycle)
Duty Cycle
ICC25
Note 4
70
80
mA
25%
IEE25
Note 4
65
75
mA
100%
ICC100
Note 4
175
190
mA
IEE100
Note 3
165
180
mA
Power Dissipation of most critical (hottest) device in
hybrid during continuous transmission
(100% duty cycle)
Supply
Voltage
±12V
±15V
PC12
PC15
Note 3
Note 3
300
450
400
600
mA
mA
Thermal Resistance, junction-to-case, of most critical device
ØJC
-
80
100
°C / W
Allowable transmitting duty cycle when case is held to +100°C
maximum
Note 5
-
-
100
%
Allowable transmitting duty cycle when case is held
to +125°C maximum
Supply
Voltage
±12V
±15V
Note 5
Note 5
-
-
-
-
80
55
%
%
Note 3: Decreases linearly to zero at zero duty cycle.
Note 4: Decreases linearly to applicable “Standby” value at zero duty cycle.
Note 5: Based upon operating junction temperature of 160°C for hottest device. For lower operating junction temperatures,
reduce maximum duty cycle accordingly.
Electrical Characteristics con’t
Parameter / Condition
Sym
Min
Typ
Max
Unit
Figure 2 – Receiver Logic Waveforms
LINE-TO-LINE
INPUT
DATA
OUT
DATA
OUT
INPUT tr
90%
10%
NOTE: BOTH OUTPUTS HIGH
WITH NO INPUT OR STROBE
AT LOGIC "0"
OVERLAP
≈ VTH
1(p-p) x INPUT tr
0.8 x VIN (p-p)
VIN(p-p)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com