Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3232MFP Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT3232MFP
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232MFP Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT3232MFP Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232MFP Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aeroflex Circuit Technology
3
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Absolute Maximum Ratings
Parameter
Range
Units
Supply Voltage, Pin 4 or 13
-0.3 to +18.0
Volts
Supply Voltage, Pin 24 or 19
0.3 to -18.0
Volts
Supply Voltage, Pin 20
-0.3 to + 7.0
Volts
Logic Input Voltage, Pin 8, 21, 22, or 23
-0.3 to +5.5V
Volts
Receiver Differential Input, Pin 15 to Pin 16
±20 (40 Vp-p)
Volts
Receiver Input Voltage, Pin 15 or Pin 16
±15
Volts
Driver Peak Output Current, Pin 1 or Pin 2
±300
mA
Total Package Power Dissipation at (Ambient) TA = + 25°C
(Derate above TA = + 25°C at 40 mW/°C)
4.0 (Note 1)
Watts
Power Dissipation at Specified Case Temperatures
See Figure 5
Operating Case Temperature Range (TC)
(See Figure 5 for limitations)
-55 to +125
°C
Electrical Characteristics
Parameter / Condition
Sym
Min
Typ
Max
Unit
Receiver
Power Supply Voltage Ranges
VCCRX
VEERX
VCCL
+11.75
-11.75
+4.75
-
-
-
+15.75
-15.75
+5.25
V
V
V
Supply Current
ICCRX
IEERX
ICCL
-
-
-
25
30
35
-
-
-
mA
mA
mA
Differential Input Impedance
f= 1MHz
ZIN
9K
-
-
Ω
Differential Voltage Range
VIDR
±20
-
-
Vpeak
Input Common Mode Voltage Range
VICR
±10
-
-
Vpeak
Common Mode Rejection Ratio (From Point A, Fig. 4)
CMRR
40
-
-
dB
Strobe Characteristics (Logic “0” inhibits Output)
“0” Input Current (V strobe = 0.5 V)
“1” Input Current (V strobe = 2.7 V)
“0” Input Voltage
“1” Input Voltage
Strobe Delay (turn-on or turn-off)
IIL
IIH
VIL
VIH
tSD
-
-
-
2.0
-
-
-
-
-
20
-4
400
0.7
-
-
mA
µA
V
V
ns
Threshold Characteristics (Sinewave input, 100KHz to 1MHz)
Note: Threshold voltages are referred to the Input
Internal (Pin 6 & 11 grounded)
External (Pin 6 & 11 open; threshold setting resistors from Pin 5
to ground & from Pin 12 to ground; RTH Max = 10K
Ω)
VTH1
RTH/VTH1
0.6
-
-
4000
1.0
-
Vp-p
Ω
/Vp-p
Filter Characteristics (Pin 6 & 11 Grounded)
(Sinewave input)
f= 2MHz
f= 3MHz
VTH2
VTH3
1.0
3.0
-
-
3.0
-
Vp-p
Vp-p



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com