Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5171GD8 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5171GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5171GD8 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5171GD8 Datasheet HTML 4Page - ON Semiconductor CS5171GD8 Datasheet HTML 5Page - ON Semiconductor CS5171GD8 Datasheet HTML 6Page - ON Semiconductor CS5171GD8 Datasheet HTML 7Page - ON Semiconductor CS5171GD8 Datasheet HTML 8Page - ON Semiconductor CS5171GD8 Datasheet HTML 9Page - ON Semiconductor CS5171GD8 Datasheet HTML 10Page - ON Semiconductor CS5171GD8 Datasheet HTML 11Page - ON Semiconductor CS5171GD8 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature (
°C)
0.5
0.6
0.7
0.8
0.9
0
100
50
1.0
1.1
0.4
Temperature (
°C)
2.20
2.30
2.40
2.50
0
100
50
2.60
VCC = 12 V
VCC = 30 V
VCC = 2.7 V
Temperature (
°C)
80
100
120
140
0
100
50
160
VCC = 12 V
VCC = 30 V
VCC = 2.7 V
60
40
Temperature (
°C)
95
96
97
98
0
100
50
99
VCC = 30 V
VCC = 2.7 V
94
93
VSS (V)
10
20
30
40
17
5
−40
°C
0
−10
85
°C
25
°C
39
VCC = 12 V
Temperature (
°C)
0.7
0.9
1.1
1.3
0
100
50
1.5
1.7
VC High Clamp Voltage
VC Threshold
Figure 15. Current Limit vs. Temperature
Figure 16. Maximum Duty Cycle vs. Temperature
Figure 17. VC Threshold and High Clamp
Voltage vs. Temperature
Figure 18. Shutdown Threshold vs. Temperature
Figure 19. Shutdown Delay vs. Temperature
Figure 20. ISS vs. VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com