Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5171GD8 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5171GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5171GD8 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5171GD8 Datasheet HTML 6Page - ON Semiconductor CS5171GD8 Datasheet HTML 7Page - ON Semiconductor CS5171GD8 Datasheet HTML 8Page - ON Semiconductor CS5171GD8 Datasheet HTML 9Page - ON Semiconductor CS5171GD8 Datasheet HTML 10Page - ON Semiconductor CS5171GD8 Datasheet HTML 11Page - ON Semiconductor CS5171GD8 Datasheet HTML 12Page - ON Semiconductor CS5171GD8 Datasheet HTML 13Page - ON Semiconductor CS5171GD8 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
10
APPLICATIONS INFORMATION
THEORY OF OPERATION
Current Mode Control
+
−
Driver
CO
RLOAD
VSW
X5
SUMMER
Slope Compensation
VC
Oscillator
D1
VCC
S
R
Q
In Out
PWM
Comparator
L
63 m
W
Figure 27. Current Mode Control Scheme
Power Switch
The CS517x family incorporates a current mode control
scheme, in which the PWM ramp signal is derived from the
power switch current. This ramp signal is compared to the
output of the error amplifier to control the on−time of the
power switch. The oscillator is used as a fixed−frequency
clock to ensure a constant operational frequency. The
resulting control scheme features several advantages over
conventional voltage mode control. First, derived directly
from the inductor, the ramp signal responds immediately to
line voltage changes. This eliminates the delay caused by the
output filter and error amplifier, which is commonly found
in voltage mode controllers. The second benefit comes from
inherent pulse−by−pulse current limiting by merely
clamping the peak switching current. Finally, since current
mode commands an output current rather than voltage, the
filter offers only a single pole to the feedback loop. This
allows both a simpler compensation and a higher
gain−bandwidth over a comparable voltage mode circuit.
Without discrediting its apparent merits, current mode
control comes with its own peculiar problems, mainly,
subharmonic oscillation at duty cycles over 50%. The
CS517x family solves this problem by adopting a slope
compensation scheme in which a fixed ramp generated by
the oscillator is added to the current ramp. A proper slope
rate is provided to improve circuit stability without
sacrificing the advantages of current mode control.
Oscillator and Shutdown
Figure 28. Timing Diagram of Sync and Shutdown
VSW
Current
Ramp
Sync
The oscillator is trimmed to guarantee an 18% frequency
accuracy. The output of the oscillator turns on the power
switch at a frequency of 280 kHz (CS5171/2) or 560 kHz
(CS5173/4), as shown in Figure 27. The power switch is
turned off by the output of the PWM Comparator.
A TTL−compatible sync input at the SS pin is capable of
syncing up to 1.8 times the base oscillator frequency. As
shown in Figure 28, in order to sync to a higher frequency,
a positive transition turns on the power switch before the
output of the oscillator goes high, thereby resetting the
oscillator. The sync operation allows multiple power
supplies to operate at the same frequency.
A sustained logic low at the SS pin will shut down the IC
and reduce the supply current.
An additional feature includes frequency shift to 20% of
the nominal frequency when either the NFB or FB pins
trigger the threshold. During power up, overload, or short
circuit conditions, the minimum switch on−time is limited
by the PWM comparator minimum pulse width. Extra
switch off−time reduces the minimum duty cycle to protect
external components and the IC itself.
As previously mentioned, this block also produces a ramp
for the slope compensation to improve regulator stability.
Error Amplifier
+
−
+
−
CS5172/4
CS5171/3
Figure 29. Error Amplifier Equivalent Circuit
2.0 V
200 k
250 k
1M
W
positive error−amp
negative error−amp
1.276 V
FB
NFB
VC
C1
R1
5 k
W
0.01
mF
Voltage
Clamp
120 pF
For CS5172/4, the NFB pin is internally referenced to
−2.5 V with approximately a 250 k
W input impedance. For
CS5171/3, the FB pin is directly connected to the inverting
input of the positive error amplifier, whose non−inverting
input is fed by the 1.276 V reference. Both amplifiers are
transconductance amplifiers with a high output impedance
of approximately 1 M
W, as shown in Figure 29. The VC pin
is connected to the output of the error amplifiers and is
internally clamped between 0.5 V and 1.7 V. A typical
connection at the VC pin includes a capacitor in series with
a resistor to ground, forming a pole/zero for loop
compensation.
An external shunt can be connected between the VC pin
and ground to reduce its clamp voltage. Consequently, the
current limit of the internal power transistor current is
reduced from its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com