Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5171GD8 Datasheet(PDF) 20 Page - ON Semiconductor

Part # CS5171GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5171GD8 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button CS5171GD8 Datasheet HTML 14Page - ON Semiconductor CS5171GD8 Datasheet HTML 15Page - ON Semiconductor CS5171GD8 Datasheet HTML 16Page - ON Semiconductor CS5171GD8 Datasheet HTML 17Page - ON Semiconductor CS5171GD8 Datasheet HTML 18Page - ON Semiconductor CS5171GD8 Datasheet HTML 19Page - ON Semiconductor CS5171GD8 Datasheet HTML 20Page - ON Semiconductor CS5171GD8 Datasheet HTML 21Page - ON Semiconductor CS5171GD8 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
20
VC
FB
AGND
PGND
VSW
Figure 46. Additional Application Diagram, 4.0 V Input, 100 V/ 10 mA Output Boost Converter with
Output Voltage Multiplier
GND
GND
.01
m
VCC
4.0 V
Test
SS
1
2
3
4
8
7
6
5
C11
R1
R2
R3
C10
.1
m
C8
C9
C1
C2
C3
C4
C5
C6
C7
.1
m
.1
m
.1
m
.1
m
50 V
50 V
50 V
50 V
.1
m
50 V
.1
m
50 V
.1
m
50 V
D1
D1
D1
D1
D1
D1
D1
1N4148
1N4148
1N4148
1N4148
1N4148
1N4148
1N4148
99.755 k/0.1 W, 1%
1.245 k/0.1 W, 1%
2.0 k
.1
m
10
m
100 VO
+
+
VC
FB
VCC
AGND
PGND
VSW
Figure 47. Additional Application Diagram, 5.0 V Input,
± 12 V
Output Dual Boost Converter
GND
GND
0.01
mF
200 pF
22
mF
15
mH
22
mF
1.28 k
5.0 k
SS
Test
1
2
3
45
6
7
8
+5.0 V
SS
C6 C1
R1
R2
R3
10.72 k
C5
22
mF
C3
D3
D2
L1
D1
−12 V
+12 V
C4
0.1
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com