Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5171GD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5171GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5171GD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5171GD8 Datasheet HTML 1Page - ON Semiconductor CS5171GD8 Datasheet HTML 2Page - ON Semiconductor CS5171GD8 Datasheet HTML 3Page - ON Semiconductor CS5171GD8 Datasheet HTML 4Page - ON Semiconductor CS5171GD8 Datasheet HTML 5Page - ON Semiconductor CS5171GD8 Datasheet HTML 6Page - ON Semiconductor CS5171GD8 Datasheet HTML 7Page - ON Semiconductor CS5171GD8 Datasheet HTML 8Page - ON Semiconductor CS5171GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 20
1
Publication Order Number:
CS5171/D
CS5171, CS5172, CS5173,
CS5174
1.5 A 280 kHz/560 kHz
Boost Regulators
The CS5171/2/3/4 products are 280 kHz/560 kHz switching
regulators with a high efficiency, 1.5 A integrated switch. These parts
operate over a wide input voltage range, from 2.7 V to 30 V. The
flexibility of the design allows the chips to operate in most power
supply configurations, including boost, flyback, forward, inverting,
and SEPIC. The ICs utilize current mode architecture, which allows
excellent load and line regulation, as well as a practical means for
limiting current. Combining high frequency operation with a highly
integrated regulator circuit results in an extremely compact power
supply solution. The circuit design includes provisions for features
such as frequency synchronization, shutdown, and feedback controls
for either positive or negative voltage regulation. These parts are
pin−to−pin compatible with LT1372/1373.
Part Number
Frequency
Feedback Voltage Polarity
CS5171
280 kHz
positive
CS5172
280 kHz
negative
CS5173
560 kHz
positive
CS5174
560 kHz
negative
Features
• Pb−Free Packages are Available
• Integrated Power Switch: 1.5 A Guaranteed
• Wide Input Range: 2.7 V to 30 V
• High Frequency Allows for Small Components
• Minimum External Components
• Easy External Synchronization
• Built in Overcurrent Protection
• Frequency Foldback Reduces Component Stress During an
Overcurrent Condition
• Thermal Shutdown with Hysteresis
• Regulates Either Positive or Negative Output Voltages
• Shut Down Current: 50 mA Maximum
• Pin−to−Pin Compatible with LT1372/1373
• Wide Temperature Range
♦ Industrial Grade: −40
°C to 125°C
♦ Commercial Grade: 0
°C to 125°C
x
= 1, 2, 3, or 4
x
= E, G
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
ORDERING INFORMATION
CS5171/3
CS5172/4
SOIC−8
D SUFFIX
CASE 751
VCC
SS
1
8
AGND
Test
PGND
FB
VSW
VC
PIN CONNECTIONS AND
MARKING DIAGRAM
VCC
SS
1
8
AGND
NFB
PGND
Test
VSW
VC
http://onsemi.com
See detailed ordering and shipping information in the
package dimensions section on page 17 of this data sheet.


Similar Part No. - CS5171GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5171GD8 ONSEMI-CS5171GD8 Datasheet
230Kb / 21P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5171GD8G ONSEMI-CS5171GD8G Datasheet
230Kb / 21P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
More results

Similar Description - CS5171GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com