Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5172GD8 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5172GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5172GD8 Datasheet HTML 2Page - ON Semiconductor CS5172GD8 Datasheet HTML 3Page - ON Semiconductor CS5172GD8 Datasheet HTML 4Page - ON Semiconductor CS5172GD8 Datasheet HTML 5Page - ON Semiconductor CS5172GD8 Datasheet HTML 6Page - ON Semiconductor CS5172GD8 Datasheet HTML 7Page - ON Semiconductor CS5172GD8 Datasheet HTML 8Page - ON Semiconductor CS5172GD8 Datasheet HTML 9Page - ON Semiconductor CS5172GD8 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
0
Temperature (
°C)
Figure 3. ICC (No Switching) vs. Temperature
7.2
7.0
6.8
6.6
6.4
6.2
6.0
5.8
VCC = 30 V
5.6
50
100
VCC = 12 V
VCC = 2.7 V
0
Temperature (
°C)
Figure 4.
DICC/ DIVSW vs. Temperature
70
60
50
40
30
20
10
50
100
VCC = 30 V
VCC = 12 V
VCC = 2.7 V
ISW = 1.5 A
0
ISW (mA)
Figure 5. VCE(SAT) vs. ISW
1200
1000
800
600
400
200
0
500
1000
−40
°C
85
°C
25
°C
Temperature (
°C)
Figure 6. Minimum Input Voltage vs. Temperature
1.5
1.6
1.7
1.8
1.9
0
100
50
Temperature (
°C)
Figure 7. Switching Frequency vs. Temperature
(CS5171/2 only)
255
260
265
270
275
0
100
50
280
285
Temperature (
°C)
Figure 8. Switching Frequency vs. Temperature
(CS5173/4 only)
540
545
550
555
560
0
100
50
565
570
535
530
525
520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com