Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5172GD8 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5172GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5172GD8 Datasheet HTML 5Page - ON Semiconductor CS5172GD8 Datasheet HTML 6Page - ON Semiconductor CS5172GD8 Datasheet HTML 7Page - ON Semiconductor CS5172GD8 Datasheet HTML 8Page - ON Semiconductor CS5172GD8 Datasheet HTML 9Page - ON Semiconductor CS5172GD8 Datasheet HTML 10Page - ON Semiconductor CS5172GD8 Datasheet HTML 11Page - ON Semiconductor CS5172GD8 Datasheet HTML 12Page - ON Semiconductor CS5172GD8 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
VIN (V)
20
30
40
10
−40
°C
10
0
85
°C
25
°C
VREF − VFB (mV)
20
60
100
0
−20
−60
25
−25
−75
−125
−175
−255
Temperature (
°C)
450
500
0
100
50
550
600
VREF − VNFB (mV)
20
60
100
0
−20
−60
50
−50
−100
−150
−200
80
40
0
−40
Temperature (
°C)
160
170
0
100
50
180
190
150
140
130
120
110
100
Temperature (
°C)
2.6
0
100
50
2.5
2.4
2.3
2.2
2.1
2.0
Figure 21. ICC vs. VIN During Shutdown
Figure 22. Error Amplifier Transconductance
vs. Temperature (CS5171/3 only)
Figure 23. Negative Error Amplifier
Transconductance vs. Temperature (CS5172/4 only)
Figure 24. Error Amplifier IOUT vs. VFB
(CS5171/3 only)
Figure 25. Error Amplifier IOUT vs. VNFB
(CS5172/4 only)
Figure 26. Switch Leakage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com