Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5172GD8 Datasheet(PDF) 19 Page - ON Semiconductor

Part # CS5172GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button CS5172GD8 Datasheet HTML 14Page - ON Semiconductor CS5172GD8 Datasheet HTML 15Page - ON Semiconductor CS5172GD8 Datasheet HTML 16Page - ON Semiconductor CS5172GD8 Datasheet HTML 17Page - ON Semiconductor CS5172GD8 Datasheet HTML 18Page - ON Semiconductor CS5172GD8 Datasheet HTML 19Page - ON Semiconductor CS5172GD8 Datasheet HTML 20Page - ON Semiconductor CS5172GD8 Datasheet HTML 21Page - ON Semiconductor CS5172GD8 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
19
+
+
+
CS5171/3
+12 V
VC (1 )
FB (2)
VCC (5)
AGND (6)
PGND (7)
VSW (8)
MBRS140T3
22
mF
47
mF
Figure 43. Additional Application Diagram, 2.7 to 13 V Input,
+12 V/ 200 mA Output Flyback Converter
1.0
mF
GND
2.0 k
10.72 k
GND
1.28 k
47
mF
47 nF
4.7 nF
VCC
−12 V
T1
1:2
P6KE−15A
1N4148
MBRS140T3
CS5171/3
VC (1 )
FB (2)
VCC (5)
AGND (6)
PGND (7)
VSW (8)
2.2
mF
Figure 44. Additional Application Diagram, −9.0 V to −28 V Input, −5.0 V/700 mA Output Inverted Buck Converter
15
mH
GND
300
GND
5.0 k
.01
mF
200 pF
VIN
−5.0
VOUT
1.1 k
22
mF
Low
ESR
CS5171/3
+
+
VC (1 )
FB (2)
VCC (5)
AGND (6)
PGND (7)
VSW (8)
22
mF
Figure 45. Additional Application Diagram, 2.7 V to 28 V Input, 5.0 V Output SEPIC Converter
GND
12.76 k
GND
5.0 k
.01
mF
200 pF
VCC
22
mH
Low
ESR
22
mF
22
mH
22
mF
37.24 k
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com