Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5172GD8 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS5172GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS5172GD8 Datasheet HTML 14Page - ON Semiconductor CS5172GD8 Datasheet HTML 15Page - ON Semiconductor CS5172GD8 Datasheet HTML 16Page - ON Semiconductor CS5172GD8 Datasheet HTML 17Page - ON Semiconductor CS5172GD8 Datasheet HTML 18Page - ON Semiconductor CS5172GD8 Datasheet HTML 19Page - ON Semiconductor CS5172GD8 Datasheet HTML 20Page - ON Semiconductor CS5172GD8 Datasheet HTML 21Page - ON Semiconductor CS5172GD8 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
18
+
+
+
C2
D2
C3
D1
C4
R2
1
2
3
4
5
6
7
8
22
mF
22
mF
VOUT
−12 V
VC
Test
NFB
SS
0.01
mF
C1
VSW
VCC
AGND
PGND
VCC
SS
5.0 V
5.0 k
R1
R3
1.27 k
4.87 k
MBRS120T3
MBRS120T3
22
mF
22
mH
L1
Figure 41. Additional Application Diagram, 5.0 V to −12 V/ 75 mA Inverting Converter
CS5171/3
3.3 VIN
VC (1 )
FB (2)
0.1
mF
VCC (5)
AGND (6)
PGND (7)
VSW (8)
200 pF
MBRS120T3
22
mF
22
mH
Figure 42.
Additional Application Diagram, 3.3 V Input, 5.0 V/ 400 mA Output Boost Converter
10
mF
GND
5.0 k
3.6 k
GND
5.0 VO
1.3 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com