Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV710 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV710
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV710 Datasheet HTML 1Page - National Semiconductor (TI) LMV710 Datasheet HTML 2Page - National Semiconductor (TI) LMV710 Datasheet HTML 3Page - National Semiconductor (TI) LMV710 Datasheet HTML 4Page - National Semiconductor (TI) LMV710 Datasheet HTML 5Page - National Semiconductor (TI) LMV710 Datasheet HTML 6Page - National Semiconductor (TI) LMV710 Datasheet HTML 7Page - National Semiconductor (TI) LMV710 Datasheet HTML 8Page - National Semiconductor (TI) LMV710 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMV710, LMV711 and LMV715
Low Power, RRIO Operational Amplifiers with High
Output Current Drive and Shutdown Option
General Description
The LMV710, LMV711 and LMV715 are BiCMOS opera-
tional amplifiers with a CMOS input stage. These devices
have greater than RR input common mode voltage range,
rail-to-rail output and high output current drive. They offer a
bandwidth of 5MHz and a slew rate of 5V/µs.
On the LMV711/LMV715, a separate shutdown pin can be
used to disable the device and reduces the supply current to
0.2µA (typical). They also feature a turn on time of less than
10µs. It is an ideal solution for power sensitive applications,
such as cellular phone, pager, palm computer, etc. In addi-
tion, once the LMV715 is in shutdown the output will be
“Tri-stated”.
The LMV710 is offered in the space saving SOT23-5 Tiny
package. The LMV711 and LMV715 are offered in the space
saving SOT23-6 Tiny package.
The LMV710/711/715 are designed to meet the demands of
low power, low cost, and small size required by cellular
phones and similar battery powered portable electronics.
Features
(For 5 Supply, Typical Unless Otherwise Noted).
n
Low offset voltage
3mV, max
n
Gain-bandwidth product
5MHz, typ
n
Slew rate
5V/µs, typ
n
Space saving packages
SOT23-5 and SOT23-6
n
Turn on time from shutdown
<10µs
n
Industrial temperature range
−40˚C to +85˚C
n
Supply current in shutdown mode
0.2µA, typ
n
Guaranteed 2.7V and 5V Performance
n
Unity gain stable
n
Rail-to-rail input and output
n
Capable of driving 600
Ω load
Applications
n
Wireless phones
n
GSM/TDMA/CDMA power amp control
n
AGC, RF power detector
n
Temperature compensation
n
Wireless LAN
n
Bluetooth
n
HomeRF
Typical Application
High Side Current Sensing
10132513
January 2003
© 2003 National Semiconductor Corporation
DS101325
www.national.com


Similar Part No. - LMV710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710 TI-LMV710 Datasheet
404Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI1-LMV710 Datasheet
481Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
LMV710-N TI-LMV710-N Datasheet
1Mb / 25P
LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
Low Power, RRIO Operational Amplifiers
More results

Similar Description - LMV710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
LMV710 TI-LMV710 Datasheet
404Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com