Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV710 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV710
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV710 Datasheet HTML 11Page - National Semiconductor (TI) LMV710 Datasheet HTML 12Page - National Semiconductor (TI) LMV710 Datasheet HTML 13Page - National Semiconductor (TI) LMV710 Datasheet HTML 14Page - National Semiconductor (TI) LMV710 Datasheet HTML 15Page - National Semiconductor (TI) LMV710 Datasheet HTML 16Page - National Semiconductor (TI) LMV710 Datasheet HTML 17Page - National Semiconductor (TI) LMV710 Datasheet HTML 18Page - National Semiconductor (TI) LMV710 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Reel Dimensions
10132554
TAPE
SIZE
DIM A
DIM B
DIM C
DIM D
DIM N
DIM W1
DIM W2
DIM W3
(LSL-USL)
8 mm
7.00
(177.8)
.059
(1.5)
.512 + .020/−.008
(13 +0.5/−0.2)
.795
(20.2)
2.165
(55)
.331 + .059/−.000
(8.4 + 1.5/0)
.567
(14.4)
.311 - .429
(7.9 - 10.9)
Note: UNLESS OTHERWISE SPECIFIED
1. MATERIAL:
POLYSTYRENE/PVC (WITH ANTISTATIC COATING).
OR POLYSTYRENE/PVC, ANTISTATIC
OR POLYSTYRENE/PVC, CONDUCTIVE.
2. CONTROLLING DIMENSION IS MILLIMETER, DIMENSIONS IN
INCHES ROUNDED.
3. SURFACE RESISTIVITY: 1010 OHM/SQ MAXIMUM.
4. ALL OUTPUT REELS SHALL BE UNIFORM IN SHADE.
5. PACKING OF REELS IN CONTAINERS MUST ENSURE NO DAM-
AGE TO THE REEL.
6. SURFACE FINISH OF THE FLANGES SHALL BE SMOOTH,
MATTE FINISH PREFERRED.
7. ALL EDGES, ESPECIALLY THE TAPE ENTRY EDGES, MUST BE
FREE OF BURRS.
8. THE REEL SHOULD NOT WARP IN THE STORAGE TEMPERA-
TURE OF 67˚C MAXIMUM.
9. GLASS TRANSITION TEMPERATURE (Tg) OF THE PLASTIC
REEL SHALL BE LOWER THAN −20˚C.
10. ALL GATING FROM THE MOLD MUST BE PROPERLY RE-
MOVED.
11. NO FLASHES ARE TO BE PRESENT ALONG THE PARTING
LINES.
12. ALLOWABLE RADIUS FOR CORNERS AND EDGES IS .012
INCHES/0.3 MILLIMETERS MINIMUM.
13. SINK MARKS THAT WILL CAUSE A CHANGE TO THE SPECI-
FIED DIMENSIONS OR SHAPE OF THE REELS ARE NOT AL-
LOWED.
14. MOLDED REELS SHALL BE FREE OF COSMETIC DEFECTS
SUCH AS VOIDS. FLASHING, EXCESSIVE FLOW MARKS, ETC.
15. THERE MUST BE NO MISMATCH BETWEEN MATING PARTS.
16. MOLDED REELS SHALL BE ANTISTATIC COATED OR
BLENDED.
17. THE SOT23-5L AND SOT23-6L PACKAGE USE THE 7-INCH
REEL.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com