Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV710 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV710
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV710 Datasheet HTML 8Page - National Semiconductor (TI) LMV710 Datasheet HTML 9Page - National Semiconductor (TI) LMV710 Datasheet HTML 10Page - National Semiconductor (TI) LMV710 Datasheet HTML 11Page - National Semiconductor (TI) LMV710 Datasheet HTML 12Page - National Semiconductor (TI) LMV710 Datasheet HTML 13Page - National Semiconductor (TI) LMV710 Datasheet HTML 14Page - National Semiconductor (TI) LMV710 Datasheet HTML 15Page - National Semiconductor (TI) LMV710 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Note (Continued)
4.0 COMPENSATION OF INPUT CAPACITANCE
In the application (Figure 4) where a large feedback resistor
is used, the feedback resistor can react with the input ca-
pacitance of the op amp and introduce an additional pole to
the close loop frequency response.
This pole occurs at frequency f
p , where
Any stray capacitance due to external circuit board layout,
any source capacitance from transducer or photodiode con-
nected to the summing node will also be added to the input
capacitance. If f
p is less than or close to the unity-gain
bandwidth (5MHz) of the op amp, the phase margin of the
loop is reduced and can cause the system to be unstable.
To avoid this problem, make sure that f
p occurs at least 2
octaves beyond the expected −3dB frequency corner of the
close loop frequency response. If not, a feedback capacitor
C
F can be placed in parallel with RF such that
The paralleled R
F and CF introduce a zero, which cancels
the effect from the pole.
5.0 CAPACITIVE LOAD TOLERANCE
The LMV710, LMV711 and LMV715 can directly drive 200pF
in unity-gain without oscillation. The unity-gain follower is the
most sensitive configuration to capacitive loading. Direct
capacitive loading reduces the phase margin of amplifiers.
The combination of the amplifier’s output impedance and the
capacitive load induces phase lag. This results in either an
underdamped pulse response or oscillation. To drive a
heavier capacitive load, circuit in Figure 5 can be used.
In Figure 5, the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. The desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be. But the DC accuracy is
not great when the R
ISO gets bigger. If there were a load
resistor in Figure 5, the output would be voltage divided by
R
ISO and the load resistor.
The circuit in Figure 6 is an improvement to the one in Figure
5 because it provides DC accuracy as well as AC stability. In
this circuit, R
F provides the DC accuracy by using feed-
forward techniques to connect V
IN to RL.CF and RISO serve
to counteract the loss of phase margin by feeding the high
frequency component of the output signal back to the ampli-
fier’s inverting input, thereby preserving phase margin in the
overall feedback loop. Increased capacitive drive is possible
by increasing the value of C
F . This in turn will slow down the
pulse response.
6.0 APPLICATION CIRCUITS
PEAK DETECTOR
Peak detectors are used in many applications, such as test
equipment, measurement instrumentation, ultrasonic alarm
systems, etc. Figure 7 shows the schematic diagram of a
peak detector using LMV710 or LMV711 or LMV715. This
peak detector basically consists of a clipper, a parallel RC
network, and a voltage follower.
10132518
FIGURE 4. Cancelling the Effect of Input Capacitance
10132521
FIGURE 5. Indirectly Driving A Capacitive Load using
Resistive Isolation
10132522
FIGURE 6. Indirectly Driving A Capacitive A Load with
DC Accuracy
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com