Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV710 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV710
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV710 Datasheet HTML 11Page - National Semiconductor (TI) LMV710 Datasheet HTML 12Page - National Semiconductor (TI) LMV710 Datasheet HTML 13Page - National Semiconductor (TI) LMV710 Datasheet HTML 14Page - National Semiconductor (TI) LMV710 Datasheet HTML 15Page - National Semiconductor (TI) LMV710 Datasheet HTML 16Page - National Semiconductor (TI) LMV710 Datasheet HTML 17Page - National Semiconductor (TI) LMV710 Datasheet HTML 18Page - National Semiconductor (TI) LMV710 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SOT-23 Tape and Reel Specification
Tape Format
Tape Section
# Cavities
Cavity Status
Cover Tape Status
Leader
(Start End)
0 (min)
Empty
Sealed
75 (min)
Empty
Sealed
Carrier
3000
Filled
Sealed
1000
Filled
Sealed
Trailer
(Hub End)
125 (min)
Empty
Sealed
0 (min)
Empty
Sealed
Tape Dimensions
10132555
TAPE
SIZE
DIM
A
DIM Ao
DIM
B
DIM Bo
DIM
F
DIM
Ko
DIM P1
DIM
T
DIM
W
8 mm
.130
(3.3)
.124
(3.15)
.130
(3.3)
.126
(3.2)
.138 ± .002
(3.5 ± 0.05)
.055 ± .004
(1.4 ± 0.1)
.157
(4)
.008 ± .004
(0.2 ± 0.1)
.315 ± .012
(8 ± 0.3)
Note: UNLESS OTHERWISE SPECIFIED
1. CUMULATIVE PITCH TOLERANCE FOR FEEDING HOLES AND
CAVITIES (CHIP POCKETS) NOT TO EXCEED .008 IN / 0.2mm
OVER 10 PITCH SPAN.
2. THRU HOLE INSIDE CAVITY IS CENTERED WITHIN CAVITY.
3. SMALLEST ALLOWABLE TAPE BENDING RADIUS: 1.181 IN/
30mm.
4. DIMENSIONS WITH
∆ ARE CRITICAL. DIMENSIONS TO BE AB-
SOLUTELY INSPECTED.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com