Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP3465 Datasheet HTML 1Page - National Semiconductor (TI) TP3465 Datasheet HTML 2Page - National Semiconductor (TI) TP3465 Datasheet HTML 3Page - National Semiconductor (TI) TP3465 Datasheet HTML 4Page - National Semiconductor (TI) TP3465 Datasheet HTML 5Page - National Semiconductor (TI) TP3465 Datasheet HTML 6Page - National Semiconductor (TI) TP3465 Datasheet HTML 7Page - National Semiconductor (TI) TP3465 Datasheet HTML 8Page - National Semiconductor (TI) TP3465 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Functional Description (Continued)
TABLE I Control and Data Registers
Address
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h
SMB
d7
d6
d5
d4
d3
d2
d1
d0
01h
FMB
d7
d6
d5
d4
d3
d2
d1
d0
02h
FMBD0
d7
d6
d5
d4
d3
d2
d1
d0
03h
FMBD1
d7
d6
d5
d4
d3
d2
d1
d0
04h
FMBD2
d7
d6
d5
d4
d3
d2
d1
d0
05h
FMBD3
d7
d6
d5
d4
d3
d2
d1
d0
06h
FMBD4
d7
d6
d5
d4
d3
d2
d1
d0
07h
FMBD5
d7
d6
d5
d4
d3
d2
d1
d0
08h
FMBD6
d7
d6
d5
d4
d3
d2
d1
d0
09h
FMBD7
d7
d6
d5
d4
d3
d2
d1
d0
0Ah
CS
cs7
cs6
cs5
cs4
cs3
cs2
cs1
cs0
0Bh
SKP
skp7
skp6
skp5
skp4
skp3
skp2
skp1
skp0
0Ch
MWM
mwm7
mwm6
mwm5
mwm4
mwm3
mwm2
mwm1
mwm0
0Dh
SKR
inten
soi
ms
0
0
div2
div1
div0
0Eh
ST
uwdone
0
0
0
0
0
0
0
0Fh
PD
pd7
pd6
pd5
pd4
pd3
pd2
pd1
pd0
PDPin Definition Register W Register
RESET condition is FFhex (all pins as Inputs)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
pd7
pd6
pd5
pd4
pd3
pd2
pd1
pd0
pd0–7
bits configure the CS0 – 7 pins as inputs or outputs
For example pd0 e 1 sets the CS0 pin as an input pd0 e
0 sets CS0 pin as an output Upon chip RESET the pd0–7
bits are set to 1
SKPMICROWIRE Clock (SK) Polarity W Register
RESET condition is 00hex (Normal MICROWIRE clock)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
skp7
skp6
skp5
skp4
skp3
skp2
skp1
skp0
skp 0 – 7
bits set the polarity of the SK MICROWIRE clock
when communicating with device connected to each of the
pins CS0 – 7 For example skp0 e 0 normal MICROWIRE
mode (ie SO data output on negative edge of SK clock)
when sending data to device controlled by CS0 pin skp1 e
1 NSC COMBO II clock format for device controlled by CS1
(ie SO data output on the positive edge of SK clock)
MWMMICROWIRE Mode Register W Register
RESET condition is 00hex
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
mwm7 mwm6 mwm5 mwm4 mwm3 mwm2 mwm1 mwm0
mwm0 – 7
bits specify whether 8 or 16 clocks are generated
for devices connected to CS0 – 7 pins For example mwm1
e
1 16 clocks will be generated for device controlled by
CS1 (16 data bits will be shifted out and 16 data bits will be
strobed in) mwm0 e 0 8 clocks will be generated for de-
vice controlled by CS0 (8 data bits will be shifted out and
strobed in)
SKRMICROWIRE Clock (SK) Rate Register
W Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
inten
soi
ms
0
0
div2
div1
div0
The 3 bits div0 – 2 give the divide-by value for deriving the
SK clock output rate from the CKIN The maximum CKIN
rate is 20 MHz and the slowest MICROWIRE peripheral
works at 256 kHz Table 2 below gives the division ratios
and some examples
div2
div1
div0
SK Ratio
eg CKIN e 5 MHz
eg CKIN e 20 MHz
000
SK e CKIN
SK e 5 MHz
001
SK e CKIN2
SK e 25 MHz
010
SK e CKIN4
e
125 MHz
SK e 5 MHz
011
SK e CKIN8
e
625 kHz
e
25 MHz
100
SK e CKIN16
e
3125 kHz
e
125 MHz
101
SK e CKIN32
e
15625 kHz
e
625 kHz
110
SK e CKIN64
e
78125 kHz
e
3125 kHz
111
SK e CKIN128
e
3906 kHz
e
15625 kHz
TABLE 2 SK Clock Rate Control
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com