Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button TP3465 Datasheet HTML 8Page - National Semiconductor (TI) TP3465 Datasheet HTML 9Page - National Semiconductor (TI) TP3465 Datasheet HTML 10Page - National Semiconductor (TI) TP3465 Datasheet HTML 11Page - National Semiconductor (TI) TP3465 Datasheet HTML 12Page - National Semiconductor (TI) TP3465 Datasheet HTML 13Page - National Semiconductor (TI) TP3465 Datasheet HTML 14Page - National Semiconductor (TI) TP3465 Datasheet HTML 15Page - National Semiconductor (TI) TP3465 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Device Electrical Characteristics
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC to GND
7V
Input Voltage
b
03V to VCC a 03V
DC Input Current
II g 50 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
(Soldering 10 Sec)
300 C
ESD Rating
t
1500V
Electrical Characteristics
Unless otherwise noted limits in BOLD characters are electrical testing limits at VCC e 50V and TA ea25 C All other limits
are assured by correlation with other production tests andor product design and characterization for VCC e 50V g5% and
TA e 0 Cto a70 C All signals are referenced to GND
Symbol
Parameter
Conditions
Limits
Units
Min
Max
VIL
Input Low Voltage
All Inputs
08
V
VIH
Input High Voltage
All Inputs
20
V
VOL
Output Low Voltage
CS0 – 7 IOL e 1mA
SK SO IOL e 4mA
04
V
AD(70) IOL e 2mA
VOH
Output High Voltage
CS0 – 7 IOH e 1mA
SK SO IOH e 4mA
24
V
AD(70) IOH e 2mA
IIH
High Level Input Current
All Inputs
b
10
m
A
GND k VIN k VCC
IIL
Low Level Input Current
All Inputs
a
10
m
A
IOZ
Output Current in High-Z
AD(70) SO
g
20
m
A
ICC
Dynamic Supply Current
CKIN e SK e 1 MHz
07
mA
CKIN e SK e 20 MHz
4
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com