Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button TP3465 Datasheet HTML 9Page - National Semiconductor (TI) TP3465 Datasheet HTML 10Page - National Semiconductor (TI) TP3465 Datasheet HTML 11Page - National Semiconductor (TI) TP3465 Datasheet HTML 12Page - National Semiconductor (TI) TP3465 Datasheet HTML 13Page - National Semiconductor (TI) TP3465 Datasheet HTML 14Page - National Semiconductor (TI) TP3465 Datasheet HTML 15Page - National Semiconductor (TI) TP3465 Datasheet HTML 16Page - National Semiconductor (TI) TP3465 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Motorola Bus Format
MULTIPLEXED MICROPROCESSOR BUS
TLH10803 – 9
NON-MULTIPLEXED MICROPROCESSOR BUS
TLH10803 – 10
Note: For TP3465 MID, the AS (Address Strobe) and DS (Data Strobe) are active high polarity signals. For Non-multiplexed busses AS = 0. See
Figure7 for
connection diagram
Symbol
Parameter
Conditions
Min
Max
Units
tWASH
Width Address Strobe High
20
ns
tSAAS
Setup Address to Address Strobe
10
ns
tHASA
Hold Address Strobe Low to Address
10
ns
tHASDS
Hold Address Strobe to Data Strobe
10
ns
tDDSD
Delay Data Strobe Low to Data (Read)
100 pF Load
70
ns
tHDSD
Hold Data Strobe High to Data
5
40
ns
tWDSL
Width Data Strobe Low
20
ns
tSDDS
Setup Data to Data Strobe High (Write)
30
ns
tSRWDS
Setup R W Strobe to Data Strobe
10
ns
tHDSRW
Hold Data Strobe to RW
10
ns
tSADS
Setup Address to Data Strobe Low
Non-Muxed MI e 0
10
ns
tHDSA
Hold Data Strobe High to Address
Non-Muxed MI e 0
10
ns
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com