Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button TP3465 Datasheet HTML 2Page - National Semiconductor (TI) TP3465 Datasheet HTML 3Page - National Semiconductor (TI) TP3465 Datasheet HTML 4Page - National Semiconductor (TI) TP3465 Datasheet HTML 5Page - National Semiconductor (TI) TP3465 Datasheet HTML 6Page - National Semiconductor (TI) TP3465 Datasheet HTML 7Page - National Semiconductor (TI) TP3465 Datasheet HTML 8Page - National Semiconductor (TI) TP3465 Datasheet HTML 9Page - National Semiconductor (TI) TP3465 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Functional Description (Continued)
The uwdone bit in the ST register can be connected to the
INT pin of the MID to alert the host processor when
MICROWIRE transmission is completed by setting the inten
bit in this SKR register The INT pin will only be functional as
an interrupt in the Non-multiplexed bus mode in the 28-pin
TP3465 device
The soi bit configures the SO pin to be output (soi e 0) or
input (soi e 1) This bit function is used to perform a Read
operation on a device such as NSC TP3071 COMBO II be-
cause the TP3071 sends data back on the SO pin When
soi e
1 the SO pin functions as the SI input pin internally
and feeds the data registers See applications diagrams and
software procedures for more details
The ms bit configures the MID device as a Master of MI-
CROWIRE (ms e 0) or Slave of MICROWIRE (ms e 1)
MICROWIRE Slave mode is described and illustrated in the
applications section
CSChip Select Port Register R W Register
RESET condition CS pins are inputs and the register con-
tains the state of these pins
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
cs7
cs6
cs5
cs4
cs3
cs2
cs1
cs0
The cs0 - 7 bits control the 8, CS input/output port pins.
However, only the cs0 - 3
control bits are available in the
TP3465 device when used in the non-multiplexed bus for-
mat In the multiplexed bus format in TP3465 all 8 CS pins
are accessible
Writing to this register will affect the pins (configured as
outputs in PD register) directly Similarly the state of the
pins which are configured as inputs in the PD registers can
be Read via the same (CS) register When reading the pins
designated as outputs the bits will have a ‘‘1’’ condition
Writing to bits corresponding to input pins will have no effect
on the pins
The state of an output chip select pin may also be con-
trolled by the chip hardware state machine if the user writes
to the FMBD0 – 7 registers The hardware can only bring the
appropriate pin LOW for the duration of the MICROWIRE
transfer and will attempt to set it HIGH at the end of the
transfer If the user has however set this pin to be LOW by
writing to this register it will over-ride the action of the hard-
ware and the pin will remain LOW Thus the user must write
a ‘‘1’’ in the bits that will be controlled by hardware and the
pins must be set as outputs in the PD register
STMICROWIRE Status Register R Register
RESET Condition Read 80 Hex
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
uwdone
0
0
0
0
0
0
0
The uwdone bit (read only) in the ST register can be polled
by the software to determine the end of the MICROWIRE
transmission (uwdone e 1) uwdone e 0 during transmis-
sion
FMBFirst MICROWIRE Byte R W Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
d7
d6
d5
d4
d3
d2
d1
d0
SMBSecond MICROWIRE Byte R W Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
d7
d6
d5
d4
d3
d2
d1
d0
The SMB and the FMB data registers are used to communi-
cate to any MICROWIRE device 0 – 7 (connected to pins
CS0 – 7) when controlling the chip select lines via CS regis-
ter (using software) The MICROWIRE parameters for this
mode of operation are defined by the parameters for device
7 ie skp7 in SKP register and mwm7 in MWM register
So when communicating with peripherals requiring different
formats the skp7 and mwm7 bits may need to be re-config-
ured before sending data to each of these devices Example
of communication to 8-bit and 16-bit peripherals are de-
scribed below
Example 1 Communicating with an 8-bit MICROWIRE pe-
ripheral at CS1
Set the skp7 bit to 0 (normal MICROWIRE polarity) and set
the mwm7 to 0 for 1 byte operation Set cs1 bit to 0 to
select the device Write the data into the FMB byte location
so it will be shifted out after the trailing edge of the Write
strobe signal At the end of the MICROWIRE transmission
set the cs1 bit to 1 to de-select the device The 8-bit
STATUS from the peripheral is read from the FMByte loca-
tion
Example 2 Communicating with a 16-bit MICROWIRE pe-
ripheral at CS3
MICROWIRE protocol specifies that the Most Significant Bit
is transmitted first Thus the HIGH byte of data becomes the
First MICROWIRE Byte to be sent out
Set the skp7 bit to 0 (normal MICROWIRE polarity) and set
the mwm7 to 1 for 2 byte operation Set cs3 bit to 0 to
select the device Write the LOW data byte in the SMB reg-
ister and then write the HIGH data byte into the FMB byte
location All 16 data bits are shifted out after the trailing
edge of the Write strobe for the FMB register At the end of
the MICROWIRE transmission set the cs3 bit to 1 to de-
select the device The 16-bit STATUS from the peripheral is
read from the FMB (HIGH data byte) and the SMB (LOW
data byte) locations
FMBD0First MICROWIRE Byte Dev0 R W Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
d7
d6
d5
d4
d3
d2
d1
d0
There is
only one set of data registers (FMB and SMB)
which handle the MICROWIRE data communication
The
FMBD0 address accesses the data register FMB but also
provides information for the internal state machine to con-
trol the CS0 pin The MICROWIRE parameters for device 0
are indicated by the state of bits skp0 and mwm0 etc
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com