Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465V Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465V
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465V Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button TP3465V Datasheet HTML 3Page - National Semiconductor (TI) TP3465V Datasheet HTML 4Page - National Semiconductor (TI) TP3465V Datasheet HTML 5Page - National Semiconductor (TI) TP3465V Datasheet HTML 6Page - National Semiconductor (TI) TP3465V Datasheet HTML 7Page - National Semiconductor (TI) TP3465V Datasheet HTML 8Page - National Semiconductor (TI) TP3465V Datasheet HTML 9Page - National Semiconductor (TI) TP3465V Datasheet HTML 10Page - National Semiconductor (TI) TP3465V Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Functional Description (Continued)
Example 1 Communicating with 8-bit peripheraldevice 0
The mwm0 bit must be set to 0 Write the MICROWIRE
data in to the FMBD0 address The 8-bit data is then shifted
out after the trailing edge of the write pulse The Chip Select
(CS0) is automatically activated (LOW) and deactivated
(HIGH) by hardware before and after the data transfer (see
timing diagrams) The 8-bit STATUS from the peripheral is
read from the FMBD0 byte location
Example 2 Communicating with 16-bit peripheraldevice
0
The mwm0 bit must be set to 1 Write the LOW byte of
MICROWIRE data into the SMB data register and then write
the HIGH byte in to the FMBD0 address The 16-bit data is
then shifted out after the trailing edge of the write strobe
signal for this FMBD0 address The Chip Select 0 (CS0) pin
is automatically activated (LOW) and deactivated (HIGH) by
hardware before and after the data transfer (see timing dia-
grams) The 16-bit STATUS from the peripheral is read from
the FMBD0 (HIGH data byte) and the SMB (LOW data byte)
locations
FMBD1First MICROWIRE Byte Dev1 RW Register
Same function as FMBD0 except this refers to Device 1 and
Chip Select 1 (CS1)
FMBD2First MICROWIRE Byte Dev2 RW Register
Same function as FMBD0 except this refers to Device 2 and
Chip Select 2 (CS2)
FMBD3First MICROWIRE Byte Dev3 RW Register
Same function as FMBD0 except this refers to Device 3 and
Chip Select 3 (CS3)
FMBD4First MICROWIRE Byte Dev4 RW Register
Same function as FMBD0 except this refers to Device 4 and
Chip Select 4 (CS4)
FMBD5First MICROWIRE Byte Dev5 RW Register
Same function as FMBD0 except this refers to Device 5 and
Chip Select 5 (CS5)
FMBD6First MICROWIRE Byte Dev6 RW Register
Same function as FMBD0 except this refers to Device 6 and
Chip Select 6 (CS6)
FMBD7First MICROWIRE Byte Dev7 RW Register
Same function as FMBD0 except this refers to Device 7 and
Chip Select 7 (CS7)
MICROWIRE MasterSlave Modes
MICROWIRE MASTER MODE
The primary application for MID is as a master of MICRO-
WIRE bus (ms bit in CKR register set to 0) and as such it
provides the SK clock out to the peripheral devices It trans-
mits data on the SO pin and receives data on the SI pin The
CS0 – 7 pins are used as chip select pins for the peripherals
and have a predefined relationship with the SK clock output
Writing to the FMB pin causes the most significant bit to be
output immediately to the SO pin and the uwdone bit is
automatically reset to 0 Upon completion of transfer of ei-
ther 8 bits (mwm7 e 0) or 16 bits (mwm7 e 1) the
uwdone
bit is set to 1 The SO pin is then set to the TRI-
STATE
condition Note that when using the FMB and SMB
registers the communication mode is determined by the pa-
rameters for channel 7 (mwm7 and skp7)
MICROWIRE SLAVE MODE
The MID can be set to work in MICROWIRE Slave mode by
setting the ms bit to 1 The MICROWIRE clock from the
master is connected to the CKIN pin of this MID device The
SK output is ignored Normally the SO pin is in TRI-STATE
condition and while the uwdone bit is 1 any CKIN clock
inputs are ignored Writing to the FMB register causes the
most significant bit to be output immediately to the SO pin
and the uwdone bit is reset to 0 by hardware The SK clock
input is then enabled to clock data into SI and out of SO
After receiving SK clock pulses either 8 (mwm7 e 0) or 16
bits (mwm7 e 1) the uwdone bit is set to 1 by hardware
The SO pin is then set to TRI-STATE condition Note that
when using the FMB and SMB registers the communication
mode is determined by the parameters of channel 7 (mwm7
and skp7)
FMBD0 – 7 addresses are not used in the slave mode The
CS register however can be used as a general IO port
control register
See applications section for an example of the Slave opera-
tion
(Figure 6)
MICROWIRE BUS FORMATS
MID supports devices which implement either of the two
MICROWIRE bus formats a 3-pin format and a 4-pin format
Figure 3 shows a MID connected to devices supporting
each of these formats
The standard 4-pin format consists of the CCLK clock pin
CO and CI as the data out and data in pins and CS to select
the MICROWIRE peripheral ISDN transceivers and other
intelligent peripherals also have an INTerrupt signal from
the peripheral to the local microprocessor NSC MICRO-
WIRE devices with this 4-pin format include ISDN transceiv-
ers COMBO II LCD display drivers and EEPROMs
There are however some MICROWIRE peripherals (eg
TP3071 COMBO II and some EEPROMs) which support a
3-pin bus format because of package pin limitations The
format consists of the CCLK clock signal a bi-directional
data signal COCI and a CS chip select signal The direc-
tion of the data transferred on the COCI pin is determined
by a protocol between the Master and the Slave of the MI-
CROWIRE bus For example the TP3071 implements a
two-byte protocol The first byte into the TP3071 indicates a
Read or a Write operation and thus defines the direction of
the next byte to the device
Software Driver Procedures
This section describes the steps for software driver routines
to communicate with different MICROWIRE devices (8-bit
16-bit or more) and those supporting the 3-pin or 4-pin
MICROWIRE bus formats
INITIALIZATION
1 Write to PD (Pin Definition) register to set the desired chip
select control pins (CS0 – 7) as outputs (All CS pins are
set to inputs on chip RESET)
2 Write to SKP (SK polarity) to select the polarity of the SK
clock for each of the MICROWIRE devices connected to
CS0 – 7 pins
3 Write to MWM (MICROWIRE Mode) register to select
whether 8- or 16-bit devices are attached to the CS0 – 7
pins Devices needing more than 16-bits may still be con-
figured as 8-bit mode (if multiple of 8) or 16-bit mode (if
multiple of 16 bits)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com