Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465V
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3465V Datasheet HTML 1Page - National Semiconductor (TI) TP3465V Datasheet HTML 2Page - National Semiconductor (TI) TP3465V Datasheet HTML 3Page - National Semiconductor (TI) TP3465V Datasheet HTML 4Page - National Semiconductor (TI) TP3465V Datasheet HTML 5Page - National Semiconductor (TI) TP3465V Datasheet HTML 6Page - National Semiconductor (TI) TP3465V Datasheet HTML 7Page - National Semiconductor (TI) TP3465V Datasheet HTML 8Page - National Semiconductor (TI) TP3465V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLH10803
July 1999
TP3465 MICROWIRE TM Interface Device (MID)
General Description
The MICROWIRETM Interface Device MID gives a general
microprocessor (such as National Series 32000
proces-
sors Intel 80C188 80C86 or 80286 Motorola 6800 and
68000 family of processors) the ability to communicate effi-
ciently with up to eight peripheral devices via the serial MI-
CROWIRE interface The MID causes each of the peripheral
devices to appear to the mP as memory mapped locations
by performing all the data serialization and transfer proto-
cols to and from the peripherals
Applications
Y
ISDN Terminal Adapters
Y
Digital Line cards (ISDN and Non ISDN)
Y
Analog Linecards using National COMBO
Y
Interfacing to industry standard serial EEPROMs
Y
Interfacing to industry standard MICROWIRE peripheral
devices such as Analog to Digital Converters LCD driv-
ers clock generators
Features
Y
Multiplexed and Non-multiplexed microprocessor bus
compatible
Y
NationalIntel and Motorola microprocessor bus
compatible
Y
Microprocessor Clock (CKIN) up to 20 MHz
Y
MICROWIRE clock speeds up to 5 MHz
Y
Directly compatible with 8- and 16-bit MICROWIRE
peripherals
Y
Commercial temperature range 0C to +70C
Y
TP3465 for 8 Chip Select output
Y
Memory mapped peripherals
Y
Programmable MICROWIRE Clock to communicate with
devices of different speeds
Y
Operates as MICROWIRE bus master or slave
Y
28-pin PLCC Package
Y
CMOS Low Power
Block Diagram
TLH10803 – 1
FIGURE 1 MICROWIRE Interface Device MID
COMBO
Series 32000
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1999 National Semiconductor Corporation


Similar Part No. - TP3465V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3465V NSC-TP3465V Datasheet
628Kb / 18P
MICROWIRE??Interface Device (MID)
logo
Texas Instruments
TP3465V/63SN TI1-TP3465V/63SN Datasheet
333Kb / 19P
TP3465 MICROWIRE(TM) Interface Device (MID)
TP3465V/NOPB TI1-TP3465V/NOPB Datasheet
333Kb / 19P
TP3465 MICROWIRE(TM) Interface Device (MID)
More results

Similar Description - TP3465V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3464 NSC-TP3464 Datasheet
628Kb / 18P
MICROWIRE??Interface Device (MID)
logo
Bourns Electronic Solut...
708X BOURNS-708X Datasheet
393Kb / 1P
Network Interface Device
7032 BOURNS-7032 Datasheet
254Kb / 2P
Network Interface Device
7090 BOURNS-7090 Datasheet
460Kb / 2P
Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
Network Interface Device
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
ARINC INTERFACE DEVICE
logo
Bourns Electronic Solut...
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
Network Interface Device
logo
Texas Instruments
TP3465 TI1-TP3465_11 Datasheet
333Kb / 19P
TP3465 MICROWIRE(TM) Interface Device (MID)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com