Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465V
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3465V Datasheet HTML 1Page - National Semiconductor (TI) TP3465V Datasheet HTML 2Page - National Semiconductor (TI) TP3465V Datasheet HTML 3Page - National Semiconductor (TI) TP3465V Datasheet HTML 4Page - National Semiconductor (TI) TP3465V Datasheet HTML 5Page - National Semiconductor (TI) TP3465V Datasheet HTML 6Page - National Semiconductor (TI) TP3465V Datasheet HTML 7Page - National Semiconductor (TI) TP3465V Datasheet HTML 8Page - National Semiconductor (TI) TP3465V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagrams
28-Pin PLCC
TLH10803 – 3
Top View
Order Number TP3465V
See NS Package Number V28A
FIGURE 2. MICROWIRE Interface Device MID TP3465 Pinouts
Pin Description
Name
Pin No.
Type
Function
28 Pkg.
VCC
28
I
+5V Supply
GND
14
I
0V
CKIN
17
I
Master Clock Input Used to Derive the SK Clock
MICROWIRE Interface
The MICROWIRE Interface consists of SK (clock out) SO (data out) SI (data in) and up to 8 chip select output lines
Name
Pin No.
Type
Function
28 Pkg.
SK
13
O
MICROWIRE clock output.
SO
15
O/I
MICROWIRE data output. Can also be used for
MICROWIRE data input when communicating with special
devices See application section
SI
16
I
MICROWIRE data input.
CS0 - CS3
24 - 27
I/O
Four input/output lines, normally used as outputs for chip
selects to MICROWIRE peripherals
CS4 ± CS7
6, 9, 20,
I/O
Four chip select lines accessible
23
when using the Multiplexed bus mode.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com