Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3465V Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465V
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465V Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button TP3465V Datasheet HTML 9Page - National Semiconductor (TI) TP3465V Datasheet HTML 10Page - National Semiconductor (TI) TP3465V Datasheet HTML 11Page - National Semiconductor (TI) TP3465V Datasheet HTML 12Page - National Semiconductor (TI) TP3465V Datasheet HTML 13Page - National Semiconductor (TI) TP3465V Datasheet HTML 14Page - National Semiconductor (TI) TP3465V Datasheet HTML 15Page - National Semiconductor (TI) TP3465V Datasheet HTML 16Page - National Semiconductor (TI) TP3465V Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Timing Characteristics
This section contains timing diagrams for the microprocessor bus interface MICROWIRE port interface and the Control and
Clock timings relationships
Timing characteristics are derived from worst-case simulations plus guardbanding Production testing is limited to device func-
tionality
NSCIntel Bus Format
MULTIPLEXED MICROPROCESSOR BUS
TLH10803 – 7
NON-MULTIPLEXED MICROPROCESSOR BUS
TLH10803 – 8
Symbol
Parameter
Conditions
Min
Max
Units
tWASH
Width Address Strobe High
20
ns
tSAAS
Setup Address to Address Strobe
10
ns
tHASA
Hold Address Strobe Low to Address
10
ns
tHASR
Hold Address Strobe to Read Strobe
10
ns
tDRD
Delay Read Low to Data
100 pF Load
70
ns
tHRD
Hold Read High to Data
5
40
ns
tWRL
Width Read Strobe Low
20
ns
tSDW
Setup Data to Write High
30
ns
tHWD
Hold Write High to Data
10
ns
tWWL
Width Write Strobe Low
20
ns
tSAR
Setup Address to Read Low
Non-Muxed MI e 110
ns
tHRA
Hold Read High to Address
Non-Muxed MI e 110
ns
tSAW
Setup Address to Write Low
Non-Muxed MI e 110
ns
tHWA
Hold Write High to Address
Non-Muxed MI e 110
ns
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com