Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor XC9502 Datasheet HTML 10Page - Torex Semiconductor XC9502 Datasheet HTML 11Page - Torex Semiconductor XC9502 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
<Setting of Output Voltage>
VOUT=0.9
× (RFB11+RFB12) /RFB12
[Example of Calculation]
When RFB11=200k
Ω and RFB12=75kΩ, VOUT1=0.9 × (200K+75k) / 75k=3.3V.
[Typical Example]
The same method can be adopted for channel two (output 2) also.
[External Components]
Output 1 (Step-up DC/DC controller)
Output 2 (Step-down DC/DC controller)
Tr 1 :
* MOSFET
Tr 2 :
* MOSFET
XP161A1355PR
(TOREX N-Channel Power MOSFET)
XP162A12A6P (TOREX P-Channel Power MOSFET)
SD 1 : MA2Q737
(Schottky , MATSUSHITA)
SD 2 : MA2Q737
(Schottky , MATSUSHITA)
CMS02
(Schottky, TOSHIBA)
CMS02
(Schottky, TOSHIBA)
L 1:
10
µH
(SUMIDA, CDRH5D28, FOSC = 500kHz)
L 2:
10
µH
(SUMIDA, CDRH5D28, FOSC = 500kHz)
15
µH
(SUMIDA, CDRH5D28, FOSC = 300kHz)
22
µH
(SUMIDA, CDRH5D28, FOSC = 300kHz)
22
µH
(SUMIDA, CDRH5D28, FOSC = 180kHz)
47
µH
(SUMIDA, CDRH5D28, FOSC = 180kHz)
CL1 :
16V, 47
µF
(Tantalum)
CL2 :
16V, 47
µF (Tantalum)
C=(CL standard value)
×(IOUT2 (mA)/500mA×VOUT2/VIN
Tr :
* NPN MOSFET
Tr :
* PNP MOSFET
2SD1628
(SANYO)
2SA1213
(SANYO)
RB 1 : 500
Ω ( Adjust in accordance with load & Tr.'s HFE.)
RB 2 : 500
Ω
( Adjust in accordance with load & Tr.'s HFE.)
Set according to the equation below.
Set according to the equation below.
RB1
≤ (VIN-0.7) x hFE / IC-REXTBH
RB2
≤ (VIN-0.7) x hFE / IC-REXTBH
CB1 :
2200pF (Ceramic)
CB1 :
2200pF (Ceramic)
Set according to the equation below.
Set according to the equation below.
CB1
≤ (2 π x RB2 x FOSC x 0.7)
CB2
≤ (2 π x RB2 x FOSC x 0.7)
Note : VGS Breakdown Voltage of this Tr. is 8V so
please be careful with the power supply voltage. For 6V
power supply voltage, XP161A1265PR which VGS
breakdown voltage is 12V is recommended.
VST1 of XP161A1355PR is 1.2V (max.) and that of
XP161A1265PR is 1.5V (max.)
XC9502 Series
2ch. Step-up / down DC/DC Controller ICs
The value of CFB1(CFB2), speed-up capacitor for phase compensation, should be fzfb= 1 / (2
× π × CFB1 × RFB11) which is
equal to 12kHz. Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and value of
load capacity (CL).
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based on the
values of RFB11(RFB21) and RFB12(RFB22). The sum of RFB11(RFB21) and RFB12(RFB22) should normally be 1 M
Ω or less.
Increase capacity according to the equation below
when the step-up voltage ratio is large and output
current is high.
C=(CL standard value)
×(IOUT1(mA)/300mA×VOUT1/VIN
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
13
82
2.5
390
220
8.0
120
15
100
33
75
62
3.0
560
240
24
390
270
33
5.0
82
18
3.3
200
Note : VGS Breakdown Voltage of this Tr. is 12V so
please be careful with the power supply voltage.
Increase capacity according to the equation below
when the step-up voltage ratio is large and output
current is high.
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
330
270
39
1.0
1.5
1.8
2.0
30
270
430
220
220
62
33
220
330
62
2.7
360
180
12.0
160
160
2.2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com