Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9502 Datasheet HTML 1Page - Torex Semiconductor XC9502 Datasheet HTML 2Page - Torex Semiconductor XC9502 Datasheet HTML 3Page - Torex Semiconductor XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
! Electrical Characteristics
XC9502B092
Common Characteristics
(FOSC=180kHz)
Ta=25
OC
VOUT1
VOUT2
VOUT1
VOUT2
Unless otherwise stated, VDD=3.0V, PWM1,2=3.0V, EN1, 2 =3.0V
Output 1 Characteristics
Step-up Controller
Ta=25
OC
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 2 Characteristics
Step-down Controller
Ta=25
OC
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=5.0V
Notes
1)
2)
3)
4)
IOUT2=250mA
%
MAXDTY2
100
-
-
Same as IDD1
%
MAX.
0.900
0.918
Efficiency1 (note 4)
EFFI1
IOUT=130mA
-
N-ch MOSFET:XP161A1355P
Oscillation Start-up Voltage1
VST2-1
-
MIN.
0.882
-
IFBH
FB1, 2=3.0V
FB1, 2=1.0V
FB1,2 "Low" Current
-
60
130
FB1=1.0V, FB2=0V
Same as IDD2
-
-
0.900
Max. Input Voltage
VIN
10.0
-
V
1
Supply Current 1-4
-
PARAMETER
SYMBOL
CONDITIONS
µA
FB1, 2=1.0V
3.0
µA
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
UNITS
MIN.
PARAMETER
SYMBOL
CONDITIONS
3
Efficiency2 (note 4)
EFFI2
P-ch MOSFET : XP162A12A6P
8
92
--
%
8
8
V
8
Although the IC's step-up operations start from a VDD of 0.8V, the output voltage and switching frequency are stabilized at VDD
≥
2.0V. Therefore, a VDD of more than 2.0V is recommended when VDD is supplied from VIN or other power sources.
V
TYP.
FB1 Voltage
VFB1
Soft-Start Time1
EXT1 "Low" ON Resistance
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.65
FB1=0V
-
2.0
-
PWM1,2 "Low" Current
IDD1-4
IPWML
FB1, 2=3.0V, PWM=0V
FB1, 2=0V
Supply Current 2
IDD2
Soft-Start Time2
PARAMETER
SYMBOL
MIN.
0.9
Supply Voltage (note 1)
VDD
VFBL
FB1,2 "High" Current
EN1=3.0V, EN2=0V, FB1=0V
PWM1,2 "High" Current
IPWMH
VPWMH2
No Load
EN2=0, EXT2=VDD-0.4V
EXT2 "Low" ON Resistance
REXTBL2 FB2=0V, EXT2=0.4V
EXT2 "High" ON Resistance
REXTBH2
Minimum Operation Voltage
5.0
-
Ω
6
%
10.0
30
38
-
6
47
22
28
30
PWM2 "Low" Voltage
VPWML2
No Load
-
PWM2 "High" Voltage
8
Ω
-
-
0.20
-
-
TSS2
VOUT2
× 0.95V, EN2=0V→0.65V
VINmin
-
PFM Duty Ratio2
PFMDTY2 No Load, VPWM2=0V
Minimum Duty Ratio2
22
MINDTY2
MAX.
TYP.
120
85
-
60
130
0
2.0
-
%
-
VIN
-
60
-
VIN
10.0
CONDITIONS
2ch. Step-up / down DC/DC Controller ICs
TEST
CIRCUIT
MAX.
UNITS
-
TYP.
XC9502 Series
-
Output Voltage Range
(note 3)
VOUTSET
0.9
2.0
Supply Current 1-1
IDD1-1
Supply Current 1
IDD1
VIN
≥ 0.9V, IOUT1, 2=1mA
VDD=VOUT1
110
µA
Supply Current 1-2
IDD1-2
EN2=3.0V, EN1=0V, FB2=0V
-
50
160
µA
Supply Current 1-3
IDD1-3
FB1=0V, FB2=1.0V
-
70
-
1.0
180
207
Switching Frequency
FOSC
Same as IDD1
153
--
V
EN1,2 "High" Voltage
VENH
FB1,2=0V
0.65
-
0.20
V
EN1,2 "Low" Voltage
VENL
FB1,2=0V
-
-
0.50
µA
EN1,2 "High" Current
IENH
EN1,2=3.0V
-
-
-0.50
µA
EN1,2 "Low" Current
IENL
EN1,2=0V, FB1,2=3.0V
-
FB1, 2=3.0V, PWM=3.0V
-
0.918
-
0.50
-
-0.50
-0.50
-
0.50
-
V
V
Operation Start-up Voltage1
(note 2)
VST1-1
-
-
IOUT1=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
VDD
≠ VOUT1: IOUT1=1mA
0.9
%
80
85
-
2.0
0.8
-
28
47
20.0
10.0
30
38
-0
FB2 Voltage
VFB2
VIN=3.0V, IOUT2=10mA
0.882
EXT1 "High" ON Resistance
REXTBL1
-
-
-
22
30
-
PWM1 "High" Voltage
VPWMH1
No Load, VPWM1=0V
22
Maximum Duty Ratio1
MAXDTY1 Same as IDD1
PFM Duty Ratio1
75
PFMDTY1
Minimum Duty Ratio1
MINDTY1
TSS1
VOUT1
× 0.95V, EN1=0V→0.65V
5.0
REXTBH1 FB1=0, EXT1=VDD-0.4V
No Load
-
-
EN1=FB2=0V, EXT1=0.4V
No Load
0.65
%
V
VDD
≥ 2.0V, IOUT1, 2=1mA
VDD
≠VOUT1
V
µA
70
160
-
-
-
0.9
V
V
-
10.0
3
1
1
3
3
2
3
3
3
3
V
V
µA
µA
kHz
µA
UNITS
V
µA
µA
µA
5
5
V
Ω
mS
5
3
3
6
6
EFFI={ [ (Output voltage) x (Output current) ] / [ (Input voltage) x (Input Current) ] } x 100
-
Same as IDD2
0.20
V
PWM1 "Low" Voltage
VPWML1
Maximum Duty Ratio2
20.0
mS
7
TEST
CIRCUIT
V
TEST
CIRCUIT
Ω
%
5
Although the IC's switching operations start from a VIN of 0.9V, the IC's power supply pin (VDD) and output voltage monitor pin
(FB1) should be connected to VOUT1. With operations from VIN=0.9V, the 2nd channel's (output 2) EN2 pin should be set to chip
disable. Once ouput voltage VOUT1 is more than 2.0V, the EN2 pin should be set to chip enable.
Please be careful not to exceed the breakdown voltage level of the peripheral parts.
3
3
3
3
3
3
3
3
4
5
2
3
1
V
1
3
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com