Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 36 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 36 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 32Page - Torex Semiconductor XC9502 Datasheet HTML 33Page - Torex Semiconductor XC9502 Datasheet HTML 34Page - Torex Semiconductor XC9502 Datasheet HTML 35Page - Torex Semiconductor XC9502 Datasheet HTML 36Page - Torex Semiconductor XC9502 Datasheet HTML 37Page - Torex Semiconductor XC9502 Datasheet HTML 38Page - Torex Semiconductor XC9502 Datasheet HTML 39Page - Torex Semiconductor XC9502 Datasheet HTML 40Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Load Transient Response
[2 channel : Step-down DC/DC Controller]
< VOUT2=3.3V, VIN=5.0V
IOUT2=100
µA
300mA>
PWM Control
PWM/PFM Switching Control
36
XC9502 Series
2ch. Step-up / down DC/DC Controllers ICs
100µA
300mA
3.3V
CH1
CH2
200µsec/div
CH1:VOUT2 , AC-COUPLED, 100mV/div
CH2:IOUT2 , 150mA/div
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=100µA
→ 300mA
100µA
300mA
3.3V
CH1
CH2
10msec/div
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=300mA
→100µA
100µA
300mA
3.3V
CH1
CH2
10msec/div
100µA
300mA
3.3V
CH1
CH2
200µsec/div
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=100µA
→ 300mA
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=300mA
→100µA
CH1:VOUT2 , AC-COUPLED, 50mV/div
CH2:IOUT2 , 150mA/div
CH1:VOUT2 , AC-COUPLED, 100mV/div
CH2:IOUT2 , 150mA/div
CH1:VOUT2 , AC-COUPLED, 100mV/div
CH2:IOUT2 , 150mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com