Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9502 Datasheet HTML 1Page - Torex Semiconductor XC9502 Datasheet HTML 2Page - Torex Semiconductor XC9502 Datasheet HTML 3Page - Torex Semiconductor XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
! Electrical Characteristics
XC9502B093
Common Characteristics
(FOSC=300kHz)
Ta=25
OC
VOUT1
VOUT2
VOUT1
VOUT2
Unless otherwise stated, VDD=3.0V, PWM1,2=3.0V, EN1, 2 =3.0V
Output 1 Characteristics
Step-up Controller
Ta=25
OC
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 2 Characteristics
Step-down Controller
Ta=25
OC
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=5.0V
Notes
1)
2)
3)
4)
Although the IC's step-up operations start from a VDD of 0.8V, the output voltage and switching frequency are stabilized at VDD
≥
2.0V. Therefore, a VDD of more than 2.0V is recommended when VDD is supplied from VIN or other power sources.
Although the IC's switching operations start from a VIN of 0.9V, the IC's power supply pin (VDD) and output voltage monitor pin
(FB1) should be connected to VOUT1. With operations from VIN=0.9V, the 2nd channel's (output 2) EN2 pin should be set to chip
disable. Once ouput voltage VOUT1 is more than 2.0V, the EN2 pin should be set to chip enable.
Please be careful not to exceed the breakdown voltage level of the peripheral parts.
EFFI={ [ (Output voltage) x (Output current) ] / [ (Input voltage) x (Input Current) ] } x 100
-
0.20
V
8
PWM2 "Low" Voltage
VPWML2
No Load
-
--
V
8
PWM2 "High" Voltage
VPWMH2
No Load
0.7
22
30
Ω
6
EXT2 "Low" ON Resistance
REXTBL2 FB2=0V, EXT2=0.4V
-
28
47
Ω
6
EXT2 "High" ON Resistance
REXTBH2 EN2=0V, EXT2=VDD-0.4V
-
10.0
20.0
mS
8
Soft-Start Time2
TSS2
VOUT2
× 0.95V, EN2=0V→0.65V
5.0
92
-
%
8
Efficiency2
EFFI2
IOUT2=250mA
-
P-ch MOSFET : XP162A12A6P
30
38
%
8
PFM Duty Ratio2
PFMDTY2 No Load, VPWM2=0V
22
-0
%
3
Minimum Duty Ratio2
MINDTY2 Same as IDD2
-
--
%
3
Maximum Duty Ratio2
MAXDTY2 Same as IDD1
100
-
2.0
V
1
Minimum Operation Voltage
VINmin
-
0.900
0.900
V
7
FB2 Voltage
VFB2
VIN=3.0V, IOUT2=10mA
0.900
TYP.
MAX.
UNITS
TEST
CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
MIN.
-
0.20
V
5
PWM1 "Low" Voltage
VPWML1
No Load
-
--
V
5
PWM1 "High" Voltage
VPWMH1
No Load
0.65
22
30
Ω
6
EXT1 "Low" ON Resistance
REXTBL1 EN1=FB2=0V, EXT1=0.4V
-
28
47
Ω
6
EXT1 "High" ON Resistance
REXTBH1 FB1=0, EXT1=VDD-0.4V
-
10.0
20.0
mS
5
Soft-Start Time1
TSS1
VOUT1
× 0.95V, EN1=0V→0.65V
5.0
85
-
%
5
Efficiency1 (note 4)
EFFI1
IOUT=130mA
-
N-ch MOSFET:XP161A1355P
30
38
%
5
PFM Duty Ratio1
PFMDTY1 No Load, VPWM1=0V
22
-0
%
3
Minimum Duty Ratio1
MINDTY1 Same as IDD2
-
3
Maximum Duty Ratio1
MAXDTY1 Same as IDD1
75
80
85
%
3
2.0
V
1
Oscillation Start-up Voltage1
VST2-1
FB1=0V
-
-
0.8
V
0.9
V
2
IOUT1=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
Operation Start-up Voltage1
(note 2)
VST1-1
--
VDD
≠ VOUT1: IOUT1=1mA
--
0.900
0.918
V
4
FB1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
TYP.
MAX.
UNITS
TEST
CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
MIN.
-
-0.50
µA
3
FB1,2 "Low" Current
VFBL
FB1, 2=1.0V
-
-
0.50
µA
3
FB1,2 "High" Current
IFBH
FB1, 2=3.0V
-
-
-0.50
µA
3
PWM1,2 "Low" Current
IPWML
FB1, 2=3.0V, PWM=0V
-
-
0.50
µA
3
PWM1,2 "High" Current
IPWMH
FB1, 2=3.0V, PWM=3.0V
-
-
-0.50
µA
3
EN1,2 "Low" Current
IENL
EN1,2=0V, FB1,2=3.0V
-
-
0.50
µA
3
EN1,2 "High" Current
IENH
FB1,2=3.0V
-
-
0.20
V
3
EN1,2 "Low" Voltage
VENL
FB1,2=0V
-
--
V
3
EN1,2 "High" Voltage
VENH
FB1,2=0V
0.65
300
345
kHz
3
Switching Frequency
FOSC
Same as IDD1
255
1.0
3.0
µA
3
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
70
150
µA
3
Supply Current 2
IDD2
FB1, 2=1.0V
-
70
150
µA
3
Supply Current 1-4
IDD1-4
FB1=1.0V, FB2=0V
-
100
190
µA
3
Supply Current 1-3
IDD1-3
FB1=0V, FB2=1.0V
-
60
120
µA
3
Supply Current 1-2
IDD1-2
EN2=3.0V, EN1=0V, FB2=0V
-
80
150
µA
3
Supply Current 1-1
IDD1-1
EN1=3.0V, EN2=0V, FB1=0V
-
100
190
µA
3
Supply Current 1
IDD1
FB1, 2=0V
-
-
10.0
V
2
-
VIN
V
--
V
1
-
VIN
V
Output Voltage Range
(note 3)
VOUTSET
VDD
≥ 2.0V, IOUT1, 2=1mA
VDD
≠VOUT1
0.9
0.9
VIN
≥ 0.9V, IOUT1, 2=1mA
VDD=VOUT1
2.0
0.9
--
V
1
Max. Input Voltage
VIN
10.0
TEST
CIRCUIT
Supply Voltage (note 1)
VDD
2.0
-
10.0
V
1
XC9502 Series
2ch. Step-up / down DC/DC Controller ICs
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com